Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249LPV120 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # SCF5249LPV120
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249LPV120 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button SCF5249LPV120 Datasheet HTML 12Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 13Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Signal Descriptions
Freescale Semiconductor
16
ADC
EBUIN3/ADIN0/GPI38
EBUIN4/ADIN1/GPI39
RXD2/ADIN2/GPI28
CTS2/ADIN3/GPI31
Analog to Digital converter input
signals
In/Out
ADC
TOUT1/ADOUT/GPO35
Analog to digital convertor output
signal.
In/Out
QSPI clock
SCL/QSPI_CLK
QSPI clock signal
In/Out
QSPI data in
SDA/QSPI_DIN
QSPI data input
In/Out
QSPI data out
QSPIDOUT/GPIO26
QSPI data out
In/Out
QSPI chip selects
QSPICS0/GPIO29
QSPICS1/GPIO24
QSPICS2/GPIO21
QSPICS3/GPIO22
QSPI chip selects
In/Out
Crystal in
CRIN
Crystal input
In
Reset In
RSTI
Processor Reset Input
In
Freescale Test Mode
TEST[3:0]
Should always be low.
In
High Impedance
HIZ
Assertion three-states all output
signal pins.
In
Debug Data
DDATA3/GPIO4
DDATA2/GPIO2
DDATA1/GPIO1
DDATA0/GPIO0
Displays captured processor data
and break-point status.
In/Out
Hi-Z
Processor Status
PST3/GPIO62
PST2/GPIO61
PST1/GPIO60
PST0/GPIO59
Indicates internal processor status.
In/Out
Hi-Z
Processor clock
PSTCLK/GPO63
Processor clock output
Out
Test Clock
TCK
Clock signal for IEEE 1149.1A JTAG.
In
Test Reset/Development
Serial Clock
TRST/DSCLK
Multiplexed signal that is
asynchronous reset for JTAG
controller. Clock input for debug
module.
In
Test Mode Select/ Break
Point
TMS/BKPT
Multiplexed signal that is test mode
select in JTAG mode and a hardware
break-point in debug mode.
In
Test Data Input /
Development Serial Input
TDI/DSI
Multiplexed serial input for the JTAG
or background debug module.
In
Test Data
Output/Development
Serial Output
TDO/DSO
Multiplexed serial output for the JTAG
or background debug module.
Out
Note: The CMD_SDIO2, SDATA0_SDIO1, RSTO/SDATA2_BS2, A25, QSPI_CS1, QSPI_CS3, SDRAM_CS2, EBUOUT2,
BUFENB2, SUBR, SFSY, RCK, SRE, LRCK3, SWE, and the SCLK3 signals are only used in the 160 MAPBGA package.
Table 4. SCF5249 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com