Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP2155
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP2155 Datasheet HTML 22Page - Microchip Technology MCP2155 Datasheet HTML 23Page - Microchip Technology MCP2155 Datasheet HTML 24Page - Microchip Technology MCP2155 Datasheet HTML 25Page - Microchip Technology MCP2155 Datasheet HTML 26Page - Microchip Technology MCP2155 Datasheet HTML 27Page - Microchip Technology MCP2155 Datasheet HTML 28Page - Microchip Technology MCP2155 Datasheet HTML 29Page - Microchip Technology MCP2155 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
MCP2122
DS21894C-page 26
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 4-8:
RXIR AND RX WAVEFORMS
TABLE 4-8:
RXIR REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: –40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in
Section 4.1 “DC Characteristics”.
Param.
No.
Sym
Characteristic
Min
Typ (1)
Max
Units
Conditions
IR101A ERXIRBIT
RXIR Error
—
—
± 2
%
Note 2, 3
IR101B ERXBIT
Host UART RX Error
—
0
—
%
Note 2, 4
IR103 TTXRF
RX pin rise time and fall
time
——
25
ns
IR110 TRXBIT
Receive (RX pin) Bit Rate
16
—
16
TXCLK
IR130 TRXIRL2RXH RXIR Low AND 16XCLK
edge (
↓ or ↑) to RX falling
edge (
↓)
—4
—
TXCLK At 115,200 baud
—3
—
TXCLK At 9600 baud
IR131A TRXIRPW
RXIR pulse width
1.41
—
3 TXCLK
µs
IR132 TRXIRP
RXIR bit period (1)
—16
—
TXCLK
IR133 TRXIRJ
16XCLK to RXIR jitter
—
—
1
TXCLK Note 2
IR134 TRXSKW
16XCLK to RX skew
—
—
2.5
µs
IR135 TRXPDFIL
RXIR Filter
0.7
—
1.4
µs
Note 5
Note 1: Data in the Typical (“Typ”) column is at 5V, +25
°C, unless otherwise stated. These parameters are for
design guidance only and are not tested.
2: These parameters (shaded) are characterized but are not tested. These values should be used for design
guidance only.
3: The RXIR pin operation is asynchronous to the 16XCLK pin. This is the error from the desired baud rate for
the system.
4: The RX pin operation is synchronous to the 16XCLK pin. Any error present on the 16XCLK pin
(Parameter 1C) will be refelected on the RX pin.
5: The minimum specification ensures that ALL pulses less then this pulse width are rejected, the maximum
specification ensures that ALL pulses greater than this pulse width are never rejected, and pulse widths
between these may or may not be rejected.
16XCLK
RX
RXIR
01
0
0
0
1
IR131A
IR110
IR132
IR132
IR132
IR132
IR132
IR132
Bit
Bit
Bit
Bit
Bit ...
IR133
IR134
Note: Refer to Figure 4-2 for load conditions.
IR103
IR103
IR132
IR132
IR132
IR132
IR132
IR132
IR130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com