Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2155
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2155 Datasheet HTML 16Page - Microchip Technology MCP2155 Datasheet HTML 17Page - Microchip Technology MCP2155 Datasheet HTML 18Page - Microchip Technology MCP2155 Datasheet HTML 19Page - Microchip Technology MCP2155 Datasheet HTML 20Page - Microchip Technology MCP2155 Datasheet HTML 21Page - Microchip Technology MCP2155 Datasheet HTML 22Page - Microchip Technology MCP2155 Datasheet HTML 23Page - Microchip Technology MCP2155 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MCP2122
DS21894C-page 20
Preliminary
© 2007 Microchip Technology Inc.
4.2
Timing Parameter Symbology and Load Conditions
The timing parameter symbols have been created following one of the following formats:
4.2.1
TIMING CONDITIONS
The temperature and voltages specified in Table 4-2 apply to all timing specifications, unless otherwise noted.
Figure 4-2 specifies the load conditions for the timing specifications.
TABLE 4-1:
SYMBOLOGY
TABLE 4-2:
AC TEMPERATURE AND VOLTAGE SPECIFICATIONS
FIGURE 4-2:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
E
Error
Lowercase letters (pp) and their meanings:
pp
io
Input or Output pin
xclk
Oscillator
rx
Receive
tx
Transmit
bitclk
RX/TX BITCLK
RST
Reset
Uppercase letters and their meanings:
S
F
Fall
P
Period
H
High
R
Rise
I
Invalid (Hi-impedance)
V
Valid
L
Low
Z
High-impedance
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: –40
°C ≤ TA ≤ +125°C (Extended)
Operating voltage VDD range as described in DC spec,
Section 4.1 “DC Characteristics”.
PIN
VSS
CL
CL = 50 pF for all output pins
7 pF (typical) for all input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com