Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2155
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2155 Datasheet HTML 3Page - Microchip Technology MCP2155 Datasheet HTML 4Page - Microchip Technology MCP2155 Datasheet HTML 5Page - Microchip Technology MCP2155 Datasheet HTML 6Page - Microchip Technology MCP2155 Datasheet HTML 7Page - Microchip Technology MCP2155 Datasheet HTML 8Page - Microchip Technology MCP2155 Datasheet HTML 9Page - Microchip Technology MCP2155 Datasheet HTML 10Page - Microchip Technology MCP2155 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS21894C-page 7
MCP2122
2.4
16XCLK (Bit Clock)
The MCP2122 requires an external clock source to
operate. The 16XCLK pin is the device clock input (see
Figure 2-5) and is independent of the host UART
interface or the IR interface. The 16XCLK determines
all timing during device operation. It is the edge of the
16XCLK pin that causes activity to occur.
The 16XCLK signal can also be referred to as a bit
clock (BITCLK). There are 16 BITCLKs for each bit
time. The BITCLKs are used for the generation of the
Start bit, the eight data bits and the Stop bit.
When the embedded system could be receiving IR
communication, the MCP2122 is required to have the
16XCLK signal clocking at the expected frequency,
with minimal variation in that frequency. Between data
bytes (Stop bit to Start bit), the 16XCLK frequency can
be changed. This may occur in systems where the Host
Controller is implementing one of the IrDA standard
application layer protocols (such as IrObex).
When the embedded system does not want to receive
IR communications, the 16XCLK clock can be disabled
(static). This will reduce the power consumption of the
system.
Figure 2-6 shows the relationship of the 16XCLK signal
to the RXIR input, which then determines the RX output
signal. Figure 2-7 shows the relationship of the
16XCLK signal to the TX input, which then determines
the TXIR output signal. For device timing information,
refer to Section 4.0 “Electrical Characteristics”.
FIGURE 2-5:
DEVICE CLOCK SOURCE
FIGURE 2-6:
16XCLK AND RX/RXIR
FIGURE 2-7:
16XCLK AND TX/TXIR
MCP2122
16XCLK
16XCLK
RXIR
RX
16 16XCLK
16 16XCLK
≤ 3 CLK
16 16XCLK
Bit A
Bit B
(input)
(output)
(input)
3 CLK (
≤ ~ 4 µs)
16XCLK
TX
TXIR
16 16XCLK
16 16XCLK
16 16XCLK
Bit A
Bit B
(input)
(output)
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com