Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP102 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP102
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102 Datasheet(HTML) 3 Page - Microchip Technology

  MCP102 Datasheet HTML 1Page - Microchip Technology MCP102 Datasheet HTML 2Page - Microchip Technology MCP102 Datasheet HTML 3Page - Microchip Technology MCP102 Datasheet HTML 4Page - Microchip Technology MCP102 Datasheet HTML 5Page - Microchip Technology MCP102 Datasheet HTML 6Page - Microchip Technology MCP102 Datasheet HTML 7Page - Microchip Technology MCP102 Datasheet HTML 8Page - Microchip Technology MCP102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21906B-page 3
MCP102/103/121/131
VDD Trip Point
MCP1XX-195
VTRIP
1.872
1.900
1.929
V
TA = +25°C (Note 1)
1.853
1.900
1.948
V
TA = -40°C to +85°C (Note 2)
MCP1XX-240
2.285
2.320
2.355
V
TA = +25°C (Note 1)
2.262
2.320
2.378
V
Note 2
MCP1XX-270
2.591
2.630
2.670
V
TA = +25°C (Note 1)
2.564
2.630
2.696
V
Note 2
MCP1XX-300
2.886
2.930
2.974
V
TA = +25°C (Note 1)
2.857
2.930
3.003
V
Note 2
MCP1XX-315
3.034
3.080
3.126
V
TA = +25°C (Note 1)
3.003
3.080
3.157
V
Note 2
MCP1XX-450
4.314
4.380
4.446
V
TA = +25°C (Note 1)
4.271
4.380
4.490
V
Note 2
MCP1XX-475
4.561
4.630
4.700
V
TA = +25°C (Note 1)
4.514
4.630
4.746
V
Note 2
VDD Trip Point Tempco
TTPCO
—
±100
—
ppm/°C
Threshold
Hysteresis
(min. = 1%,
max = 6%)
MCP1XX-195
VHYS
0.019
—
0.114
V
TA = +25°C
MCP1XX-240
0.023
—
0.139
V
MCP1XX-270
0.026
—
0.158
V
MCP1XX-300
0.029
—
0.176
V
MCP1XX-315
0.031
—
0.185
V
MCP1XX-450
0.044
—
0.263
V
MCP1XX-475
0.046
—
0.278
V
RST Low-level Output Voltage
VOL
——
0.4
V
IOL = 500 µA, VDD = VTRIP(MIN)
RST High-level Output Voltage
(MCP102 and MCP103 only)
VOH
VDD – 0.6
—
—
V
IOH = 1 mA, For MCP102/MCP103
only (push-pull output)
Internal Pull-up Resistor
(MCP131 only)
RPU
—95
—
k
Ω
VDD = 5.5V
Open-drain High Voltage on Output
(MCP121 only)
VODH
—
—
13.5 (5)
VVDD = 3.0V, Time voltage > 5.5V
applied
≤ 100s,
current into pin limited to 2 mA, 25°C
operation recommended
(Note 5, Note 6)
Open-drain Output Leakage Current
(MCP121 only)
IOD
—0.1
—
µA
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU = 100 kΩ (MCP121 only),
TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
RST output is forced low. There is a current through the internal pull-up resistor.
4:
This includes the current through the internal pull-up resistor and the reset power-up timer.
5:
This specification allows this device to be used in PICmicro® microcontroller applications that require In-Circuit Serial
Programming™ (ICSP™) (see device-specific programming specifications for voltage requirements). This specification
DOES NOT allow a continuos high voltage to be present on the open-drain output pin (VOUT). The total time that the
VOUT pin can be above the maximum device operational voltage (5.5V) is 100s. Current into the VOUT pin should be
limited to 2 mA and it is recommended that the device operational temperature be maintained between 0°C to 70°C
(+25°C preferred). For additional information, please refer to Figure 2-33.
6:
This parameter is established by characterization and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com