Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP102 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP102
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP102 Datasheet HTML 4Page - Microchip Technology MCP102 Datasheet HTML 5Page - Microchip Technology MCP102 Datasheet HTML 6Page - Microchip Technology MCP102 Datasheet HTML 7Page - Microchip Technology MCP102 Datasheet HTML 8Page - Microchip Technology MCP102 Datasheet HTML 9Page - Microchip Technology MCP102 Datasheet HTML 10Page - Microchip Technology MCP102 Datasheet HTML 11Page - Microchip Technology MCP102 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP102/103/121/131
DS21906B-page 8
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU = 100 kΩ (MCP121 only;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-19:
VOL vs. Temperature
(MCP102-195 @ VDD = 1.7V).
FIGURE 2-20:
VOL vs. Temperature
(MCP131-315 @ VDD = 2.9V).
FIGURE 2-21:
VOL vs. Temperature
(MCP121-450 @ VDD = 4.1V).
FIGURE 2-22:
VOH vs. IOL
(MCP102-195 @ VDD = 2.1V).
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
-40
0
40
80
120
Temperature (°C)
IOL = 0.00 mA
MCP102-195
VDD = 1.7 V
IOL = 0.25 mA
IOL = 0.50 mA
IOL = 0.75 mA
IOL = 1.00 mA
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
-40
0
40
80
120
Temperature (°C)
MCP131-315
VDD = 2.9V
IOL = 0.00 mA
IOL = 0.25 mA
IOL = 0.50 mA
IOL = 0.75 mA
IOL = 1.00 mA
0.000
0.010
0.020
0.030
0.040
0.050
0.060
-40
0
40
80
120
Temperature (°C)
IOL = 0.00 mA
IOL = 0.25 mA
IOL = 0.50 mA
IOL = 0.75 mA
IOL = 1.00 mA
MCP121-450
VDD = 4.1V
1.950
1.970
1.990
2.010
2.030
2.050
2.070
2.090
2.110
0.00
0.25
0.50
0.75
1.00
I
OL (mA)
MCP102-195
VDD = 2.1V
-40°C
+25°C
+85°C
+125°C
+70°C
0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com