Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP102 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP102
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP102 Datasheet HTML 9Page - Microchip Technology MCP102 Datasheet HTML 10Page - Microchip Technology MCP102 Datasheet HTML 11Page - Microchip Technology MCP102 Datasheet HTML 12Page - Microchip Technology MCP102 Datasheet HTML 13Page - Microchip Technology MCP102 Datasheet HTML 14Page - Microchip Technology MCP102 Datasheet HTML 15Page - Microchip Technology MCP102 Datasheet HTML 16Page - Microchip Technology MCP102 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21906B-page 13
MCP102/103/121/131
4.2
Negative Going VDD Transients
The minimum pulse width (time) required to cause a
reset may be an important criteria in the implementa-
tion of a Power-on Reset (POR) circuit. This time is
referred to as transient duration, defined as the amount
of time needed for these supervisory devices to
respond to a drop in VDD. The transient duration time is
dependant on the magnitude of VTRIP – VDD. Generally
speaking, the transient duration decreases with
increases in VTRIP – VDD.
Figure 4-3 shows a typical transient duration vs. reset
comparator
overdrive,
for
which
the
MCP102/103/121/131 will not generate a reset pulse. It
shows that the farther below the trip point the transient
pulse goes, the duration of the pulse required to cause
a reset gets shorter. Figure 2-32 shows the transient
response characteristics for the MCP102/103/121/131.
A 0.1 µF bypass capacitor, mounted as close as
possible to the VDD pin, provides additional transient
immunity (refer to Figure 4-1).
FIGURE 4-3:
Example of Typical
Transient Duration Waveform.
4.3
Reset Power-up Timer (tRPU)
Figure 4-4 illustrates the device current states. While
the system is powering down, the device has a low
current. This current is dependent on the device VDD
and trip point. When the device VDD rises through the
voltage trip point (VTRIP), an internal timer starts. This
timer consumes additional current until the RST pin is
driven (or released) high. This time is known as the
Reset Power-up Time (tRPU). Figure 4-4 shows when
tRPU is active (device consuming additional current).
FIGURE 4-4:
Reset Power-up Timer
Waveform.
4.3.1
EFFECT OF TEMPERATURE ON
RESET POWER-UP TIMER (TRPU)
The Reset Power-up timer time-out period (t
RPU)
determines how long the device remains in the reset
condition. This is affected by both VDD and temperature.
Typical responses for different VDD values and
temperatures are shown in Figures 2-26, 2-27 and 2-28.
Time (µs)
0V
5V
VTRIP(MIN) - VDD
tTRANS
VTRIP(MAX)
VTRIP(MIN)
VTRIP
VDD
RST
tRPU
Reset Power-up
Timer Inactive
Reset
Power-up
Timer
Inactive
See Figures 2-1,
2-2 and 2-3
See Figures 2-4,
2-5 and 2-6
See Figures 2-1,
2-2 and 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com