Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01T-E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6G01T-E/MS
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6G01T-E/MS Datasheet HTML 1Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 2Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 3Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 4Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 5Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 1
MCP6G01/1R/1U/2/3/4
Features
• 3 Gain Selections:
- +1, +10, +50 V/V
• One Gain Select Input per Amplifier
• Rail-to-Rail Input and Output
• Low Gain Error: ±1% (max.)
• High Bandwidth: 250 kHz to 900 kHz (typ.)
• Low Supply Current: 110 µA (typ.)
• Single Supply: 1.8V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• A/D Converter Driver
• Industrial Instrumentation
• Bar Code Readers
• Metering
• Digital Cameras
Block Diagram
Description
The Microchip Technology Inc. MCP6G01/1R/1U/2/3/4
are analog Selectable Gain Amplifiers (SGA). They can
be configured for gains of +1 V/V, +10 V/V, and
+50 V/V through the Gain Select input pin(s). The Chip
Select pin on the MCP6G03 can put it into shutdown to
conserve power. These SGAs are optimized for single
supply applications requiring reasonable quiescent
current and speed.
The
single
amplifiers
MCP6G01,
MCP6G01R,
MCP6G01U, and MCP6G03, are available in 5-pin
SOT-23 package and the dual amplifier MCP6G02, are
available in 8-pin SOIC and MSOP packages. The
quad amplifier MCP6G04 is available in 14-pin SOIC
and TSSOP packages. All parts are fully specified from
-40°C to +125°C.
Package Types
VOUT
VDD
GSEL
VIN
VSS
3
RF
RG
Gain Select
Logic
Gain
Switches
Gain
(V/V)
GSEL Voltage (Typ.)
(V)
1VDD/2 (or open)
10
0
50
VDD
Note:
VSS is assumed to be 0V
CS
(MCP6G03
only)
5M
Ω
VIN
GSEL
VSS
VOUT
VDD
1
2
3
4
8
7
6
5
NC
NC
NC
GSELA
VOUTA
VINA
GSELC
VINC
1
2
3
4
14
13
12
11 VSS
VOUTC
GSELD
5
6
7
10
9
8
VDD
GSELB
VOUTD
VOUTB
VIND
VINB
MCP6G01
SOIC, MSOP
VINA
GSELA
VSS
GSELB
VOUTB
1
2
3
4
8
7
6
5
VDD
VINB
VOUTA
MCP6G02
SOIC, MSOP
MCP6G04
SOIC, TSSOP
VIN
GSEL
VSS
VOUT
VDD
1
2
3
4
8
7
6
5
CS
NC
NC
MCP6G03
SOIC, MSOP
VDD
1
2
3
5
4
VSS
VOUT
VIN
GSEL
MCP6G01R
SOT-23-5
VSS
1
2
3
5
4
VDD
VIN
GSEL
VOUT
MCP6G01U
SOT-23-5
VSS
1
2
3
5
4
VDD
VOUT
VIN
GSEL
MCP6G01
SOT-23-5
110 µA Selectable Gain Amplifier


Similar Part No. - MCP6G01T-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
110 關A Selectable Gain Amplifier
2006
More results

Similar Description - MCP6G01T-E/MS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
110 關A Selectable Gain Amplifier
2006
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
Precision, 100關A Gain Selectable Amplifi er
LT1995 LINER-LT1995 Datasheet
360Kb / 20P
32MHz, 1000V/關s Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com