Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01T-E/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6G01T-E/MS
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6G01T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 15Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 16Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 17Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 18Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 16
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-43:
Output Voltage vs. Chip
Select, with VDD =1.8V.
FIGURE 2-44:
GSEL Pin Current vs. GSEL
Voltage, with VDD =1.8V.
FIGURE 2-45:
GSEL Current, with GSEL
Voltage of 0.3VDD.
FIGURE 2-46:
Output Voltage vs. Chip
Select, with VDD =5.0V.
FIGURE 2-47:
GSEL Pin Current vs. GSEL
Voltage, with VDD =5.5V.
FIGURE 2-48:
GSEL Current, with GSEL
Voltage of 0.7VDD.
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Time (20 µs/div)
1.8
0
VOUT is "ON"
CS
VDD = 1.8V
VIN = 0.9VDD
Shutdown
G = 1
G = 10
G = 50
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.00.2
0.40.6
0.81.0
1.21.4
1.6
1.8
GSEL Voltage (V)
TA = +25°C
= +85°C
= +125°C
VDD = 1.8V
TA = +125°C
= +85°C
= +25°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
GSEL Current (µA)
1228 Samples
GSEL = 0.3VDD
VDD = 1.8V
VDD = 5.5V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Time (20 µs/div)
5
0
VOUT is "ON"
CS
VDD = 5.0V
VIN = 0.9VDD
Shutdown
G = 1
G = 10
G = 50
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0 5.5
GSEL Voltage (V)
VDD = 5.5V
TA = +25°C
= +85°C
= +125°C
TA = +125°C
= +85°C
= +25°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
GSEL Current (µA)
1228 Samples
GSEL = 0.7VDD
VDD = 5.5V
VDD = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com