Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6G01T-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6G01T-E/MS
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6G01T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 9Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 10Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6G01T-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 10
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-7:
The MCP6G01/1R/1U/2/3/4
family shows no phase reversal under overdrive.
FIGURE 2-8:
PSRR vs. Temperature.
FIGURE 2-9:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-10:
Crosstalk vs. Frequency,
with G = 50 (circuit in Figure 4-7).
FIGURE 2-11:
PSRR vs. Frequency.
FIGURE 2-12:
Quiescent Current vs.
Supply Voltage.
-1
0
1
2
3
4
5
6
0.0E+00
1.0E-03
2.0E-03
3.0E-03
4.0E-03
5.0E-03
6.0E-03
7.0E-03
8.0E-03
9.0E-03
1.0E-02
Time (1 ms/div)
VDD = 5.0V
G = +1 V/V
VIN
VOUT
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
10
100
1000
10000
0.1
1
10
100
1000 10000 10000
0
Frequency (Hz)
1k
10k
100k
1
10
100
0.1
G = +1
= +10
= +50
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+03
1.E+04
1.E+05
Frequency (Hz)
1k
100k
10k
VDD = 5.0V
G = 50 V/V
RS = 0 Ω
RS = 1 MΩ
RS = 100 kΩ
RS = 10 kΩ
20
30
40
50
60
70
80
90
100
1000
10000
100000
Frequency (Hz)
Input Referred
G = 1
G = 10
G = 50
VDD = 1.8V
VDD = 5.5V
100
1k
10k
100k
0
20
40
60
80
100
120
140
160
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +25°C
TA = –40°C
TA = +125°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com