Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3909
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3909 Datasheet HTML 19Page - Microchip Technology MCP3909 Datasheet HTML 20Page - Microchip Technology MCP3909 Datasheet HTML 21Page - Microchip Technology MCP3909 Datasheet HTML 22Page - Microchip Technology MCP3909 Datasheet HTML 23Page - Microchip Technology MCP3909 Datasheet HTML 24Page - Microchip Technology MCP3909 Datasheet HTML 25Page - Microchip Technology MCP3909 Datasheet HTML 26Page - Microchip Technology MCP3909 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
© 2006 Microchip Technology Inc.
DS22025A-page 23
MCP3909
5.2
Serial Mode Entry Codes
The MCP3909 devices contains three different serial
modes with data presented in 2's complement coding.
• Multiplier Output
• Dual Channel Output
•Filter Input
After entering any of these modes the active power
calculation block is still functional and presents output
pulses on FOUT0, FOUT1, and HFOUT. For this reason,
the F2, F1, F0 output frequency selection constant can
be changed with multiple command bytes for serial
mode entry.
The command bytes to enter these modes are
described in Table 5-1.
TABLE 5-1:
ENTRY CODES
Command
D7......D0
Serial Mode
Internal State of F2, F1, F0 Constants Frequency
Selection During Serial Mode (1)
F2
F1
F0
1 0 1 0 0 0 0 1
Multiplier Output
0
F1 pin
1
1 0 1 0 1 0 0 1
Multiplier Output
1
F1 pin
1
1 0 1 0 0 1 0 0
Dual Channel Output Pre HPF1
0
F1 pin
1
1 0 1 0 1 1 0 0
Dual Channel Output Post HPF1
1
F1 pin
1
1 0 1 0 1 0 1 0
Filter Input
1
0
F0 pin
1 0 1 0 1 1 1 0
Filter Input
1
1
F0 pin
1 0 1 0 0 0 1 0
Filter Input
0
0
F0 pin
1 0 1 0 0 1 1 0
Filter Input
0
1
F0 pin
Note 1: The active power frequency outputs FOUT0, FOUT1, and HFOUT remain active after serial mode entry.
Leaving the SDI (F1) and CS (F0) pins at a known state after serial communication will control the
frequency selection. The HPF pin controls the state of the HPF for the multiplier mode output and the out-
put pulses from the active power D to F block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com