Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3909
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3909 Datasheet HTML 20Page - Microchip Technology MCP3909 Datasheet HTML 21Page - Microchip Technology MCP3909 Datasheet HTML 22Page - Microchip Technology MCP3909 Datasheet HTML 23Page - Microchip Technology MCP3909 Datasheet HTML 24Page - Microchip Technology MCP3909 Datasheet HTML 25Page - Microchip Technology MCP3909 Datasheet HTML 26Page - Microchip Technology MCP3909 Datasheet HTML 27Page - Microchip Technology MCP3909 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MCP3909
DS22025A-page 24
© 2006 Microchip Technology Inc.
5.3
Multiplier Output Mode
Multiplier mode allows the user to retrieve the output
of the multiplier on the MCP3909 device. Data is
presented in a 20 bit (19 bit + sign) protocol, MSB first.
A data ready flag (DR) is output for every MCLK/256
clock cycles and a new multiplier output value is
ready. If the multiplier value is not clocked out of the
device it will be over-written. Data is clocked out on the
rising edge of SCK.
FIGURE 5-4:
Multiplier Output Mode.
TABLE 5-2:
MULTIPLIER OUTPUT MODE CODING
Binary
Decimal
0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
+524287
0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0
+524286
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
-1
1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
-524287
1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
-524288
Multiplier Code
CH0
+
CH0
–
–
() CH1
+
CH1
–
–
()
VREF 2
--------------------------------------------------------------------------------- 524288 8.06 G
•
•
•
=
F1 / SDI
D3 D2
D1 D0
Hi-z
Hi-z
D16
D17
1
23
17 18
19 20
Hi-z
X 20
X 20
4
DR
0
D18
D19
F2 / SCK
NEG / SDO
F0 / CS
SIGN MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com