Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP1725
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP1725 Datasheet HTML 18Page - Microchip Technology MCP1725 Datasheet HTML 19Page - Microchip Technology MCP1725 Datasheet HTML 20Page - Microchip Technology MCP1725 Datasheet HTML 21Page - Microchip Technology MCP1725 Datasheet HTML 22Page - Microchip Technology MCP1725 Datasheet HTML 23Page - Microchip Technology MCP1725 Datasheet HTML 24Page - Microchip Technology MCP1725 Datasheet HTML 25Page - Microchip Technology MCP1725 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MCP1725
DS22026A-page 22
© 2006 Microchip Technology Inc.
5.3.2
JUNCTION TEMPERATURE
ESTIMATE
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
As you can see from the result, this application will be
operating near around a junction temperature of
100°C. The PCB layout for this application is very
important as it has a significant impact on the junction-
to-ambient thermal resistance (R
θJA) of the 2x3 DFN
package, which is very important in this application.
5.3.3
MAXIMUM PACKAGE POWER
DISSIPATION AT 60°C AMBIENT
TEMPERATURE
From this table, you can see the difference in maximum
allowable power dissipation between the 2x3 DFN
package and the 8-pin SOIC package. This difference
is due to the exposed metal tab on the bottom of the
DFN package. The exposed tab of the DFN package
provides a very good thermal path from the die of the
LDO to the PCB. The PCB then acts like a heatsink,
providing more area to distribute the heat generated by
the LDO.
5.4
CDELAY Calculations (typical)
TJ =TJRISE + TA(MAX)
TJ = 38.8°C + 60.0°C
TJ = 98.8°C
2x3 DFN (76° C/W R
θJA):
PD(MAX) = (125°C – 60°C) / 76° C/W
PD(MAX) = 0.855W
SOIC8 (163°C/Watt R
θJA):
PD(MAX) = (125°C – 60°C)/ 163° C/W
PD(MAX) = 0.399W
CI
ΔT
ΔV
-------
=
Where:
C=CDELAY Capacitor
I=CDELAY charging current,
140 nA typical.
ΔT
=
time delay
ΔV=CDELAY threshold voltage,
0.42V typical
CI
ΔT
ΔV
-------
140nA
ΔT
()
0.42V
----------------------------------
333.3
09
×10
ΔT
==
=
For a delay of 300ms,
C = 333.3E-09 *.300
C = 100E-09 µF (0.1 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com