Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827-0802E/AT Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1827-0802E/AT
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/AT Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1827-0802E/AT Datasheet HTML 19Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 20Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 21Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 22Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 23Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 24Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 25Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 26Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22001C-page 23
MCP1827/MCP1827S
3-Lead Plastic (EB) [DDPAK]
Notes:
1. § Significant Characteristic.
2. Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" per side.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
3
Pitch
e
.100 BSC
Overall Height
A
.160
–
.190
Standoff §
A1
.000
–
.010
Overall Width
E
.380
–
.420
Exposed Pad Width
E1
.245
–
–
Molded Package Length
D
.330
–
.380
Overall Length
H
.549
–
.625
Exposed Pad Length
D1
.270
–
–
Lead Thickness
c
.014
–
.029
Pad Thickness
C2
.045
–
.065
Lower Lead Width
b
.020
–
.039
Upper Lead Width
b1
.045
–
.070
Foot Length
L
.068
–
.110
Pad Length
L1
–
–
.067
Foot Angle
φ
0°
–
8°
E
E1
H
L1
D
D1
N
1
e
b
b1
c
C2
L
A
A1
BOTTOM VIEW
TOP VIEW
CHAMFER
OPTIONAL
φ
Microchip Technology Drawing C04-011B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com