Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827-0802E/AT Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1827-0802E/AT
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/AT Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1827-0802E/AT Datasheet HTML 24Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 25Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 26Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 27Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 28Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 29Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 30Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 31Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22001C-page 29
MCP1827/MCP1827S
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1827:
1.5A Low Dropout Regulator
MCP1827T: 1.5A Low Dropout Regulator
Tape and Reel
MCP1827S: 1.5A Low Dropout Regulator
MCP1827ST: 1.5A Low Dropout Regulator
Tape and Reel
Output Voltage *:
08
= 0.8V “Standard”
12
= 1.2V “Standard”
18
= 1.8V “Standard”
25
= 2.5V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
50
= 5.0V “Standard”
*Contact factory for other output voltage options
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
E
= -40
°C to +125°C
Package Type:
AB = Plastic Transistor Outline, TO-220, 3-lead
AT = Plastic Transistor Outline, TO-220, 5-lead
EB = Plastic, DDPAK, 3-lead
ET = Plastic, DDPAK, 5-lead
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
Examples:
a)
MCP1827-0802E/AT: 0.8V LDO Regulator
5LD TO-220
b)
MCP1827-1002E/ET: 1.0V LDO Regulator
5LD DDPAK
c)
MCP1827-1202E/AT: 1.2V LDO Regulator
5LD TO-220
d)
MCP1827-1802E/AT: 1.8V LDO Regulator
5LD TO-220
e)
MCP1827-2502E/ET: 2.5V LDO Regulator
5LD DDPAK
f)
MCP1827-3002E/ET: 3.0V LDO Regulator
5LD DDPAK
g)
MCP1827-3302E/AT 3.3V LDO Regulator
5LD TO-220
h)
MCP1827-5002E/ET: 5.0V LDO Regulator
5LD DDPAK
i)
MCP1827-ADJE/AT:
ADJ LDO Regulator
5LD TO-220
a)
MCP1827S-0802E/EB:0.8V LDO Regulator
3LD DDPAK
b)
MCP1827S-0802E/AB:0.8V LDO Regulator
3LD TO-220
c)
MCP1827S-1002E/EB:1.0V LDO Regulator
3LD DDPAK
d)
MCP1827S-1202E/AB 1.2V LDO Regulator
3LD TO-220
e)
MCP1827S-1802E/EB 1.8V LDO Regulator
3LD DDPAK
f)
MCP1827S-2502E/EB 2.5V LDO Regulator
3LD DDPAK
g)
MCP1827S-2502E/EB 3.0V LDO Regulator
3LD DDPAK
h)
MCP1827S-3302E/AB 3.3V LDO Regulator
3LD TO-220
i)
MCP1827S-5002E/EB 5.0V LDO Regulator
3LD DDPAK
j)
MCP1827S-ADJE/AB ADJ LDO Regulator
3LD TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com