Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827-0802E/AT Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1827-0802E/AT
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/AT Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1827-0802E/AT Datasheet HTML 14Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 15Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 16Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 17Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 18Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 19Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 20Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 21Page - Microchip Technology MCP1827-0802E/AT Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP1827/MCP1827S
DS22001C-page 18
© 2007 Microchip Technology Inc.
the 30 µs delay, the LDO output enters its soft-start
period as it rises from 0V to its final regulation value. If
the SHDN input signal is pulled low during the 30 µs
delay period, the timer will be reset and the delay time
will start over again on the next rising edge of the
SHDN input. The total time from the SHDN input going
high (turn-on) to the LDO output being in regulation is
typically 100 µs. See Figure 4-4 for a timing diagram of
the SHDN input.
FIGURE 4-4:
Shutdown Input Timing
Diagram.
4.7
Dropout Voltage and Undervoltage
Lockout
Dropout voltage is defined as the input-to-output
voltage differential at which the output voltage drops
2% below the nominal value that was measured with a
VR
+
0.6V
differential
applied.
The
MCP1827/MCP1827S LDO has a very low dropout
voltage specification of 330 mV (typical) at 1.5A of out-
put current. See Section 1.0 “Electrical Characteris-
tics” for maximum dropout voltage specifications.
The MCP1827/MCP1827S LDO operates across an
input voltage range of 2.3V to 6.0V and incorporates
input Undervoltage Lockout (UVLO) circuitry that keeps
the LDO output voltage off until the input voltage
reaches a minimum of 2.18V (typical) on the rising
edge of the input voltage. As the input voltage falls, the
LDO output will remain on until the input voltage level
reaches 2.04V (typical).
Since the MCP1827/MCP1827S LDO undervoltage
lockout activates at 2.04V as the input voltage is falling,
the dropout voltage specification does not apply for
output voltages that are less than 1.9V.
For high-current applications, voltage drops across the
PCB traces must be taken into account. The trace
resistances can cause significant voltage drops
between the input voltage source and the LDO. For
applications with input voltages near 2.3V, these PCB
trace voltage drops can sometimes lower the input
voltage enough to trigger a shutdown due to
undervoltage lockout.
4.8
Overtemperature Protection
The
MCP1827/MCP1827S
LDO
has
tempera-
ture-sensing circuitry to prevent the junction tempera-
ture from exceeding approximately 150°C. If the LDO
junction temperature does reach 150°C, the LDO
output will be turned off until the junction temperature
cools to approximately 140°C, at which point the LDO
output will automatically resume normal operation. If
the internal power dissipation continues to be
excessive, the device will again shut off. The junction
temperature of the die is a function of power
dissipation, ambient temperature and package thermal
resistance. See Section 5.0 “Application Cir-
cuits/Issues” for more information on LDO power
dissipation and junction temperature.
SHDN
VOUT
30 µs
70 µs
TOR
400 ns (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com