Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1603-ADJI/OS Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1603-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603-ADJI/OS Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1603-ADJI/OS Datasheet HTML 4Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 5Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 6Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 7Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 8Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 9Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 10Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 11Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP1603
DS22042A-page 8
© 2007 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, VIN = SHDN =3.6V, COUT =CIN = 4.7 µF, L = 4.7 µH, VOUT(ADJ) = 1.8V, ILOAD = 100 mA,
TA = +25°C. Adjustable or fixed output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-7:
Efficiency vs. Input Voltage
(VOUT = 2.4V).
FIGURE 2-8:
Efficiency vs. Input Voltage
(VOUT = 3.3V).
FIGURE 2-9:
Line Regulation vs. Ambient
Temperature (VOUT = 1.8V).
FIGURE 2-10:
Efficiency vs. Output Load
(VOUT = 2.4V).
FIGURE 2-11:
Efficiency vs. Output Load
(VOUT = 3.3V).
FIGURE 2-12:
Output Voltage vs. Load
Current (VOUT = 1.8V).
75
80
85
90
95
100
33.544.555.5
Input Voltage (V)
VOUT = 2.4V
IOUT = 100 mA
IOUT = 500 mA
IOUT = 300 mA
85.0
87.5
90.0
92.5
95.0
97.5
100.0
3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
VOUT = 3.3V
IOUT = 100 mA
IOUT = 500 mA
IOUT = 300 mA
0.1
0.2
0.3
0.4
0.5
0.6
-40 -25 -10 5
20 35 50 65 80 95 110 125
Ambient Temperature (
oC)
IOUT = 100 mA
IOUT = 300 mA
VOUT = 1.8V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
VOUT = 2.4V
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
VOUT = 3.3V
VIN = 4.2V
VIN = 3.6V
1.74
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
100
150
200
250
300
350
400
450
500
Output Current (mA)
TA = +125
oC
TA = - 40
oC
TA = +25
oC
TA = +90
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com