Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1603-ADJI/OS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1603-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603-ADJI/OS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1603-ADJI/OS Datasheet HTML 5Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 6Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 7Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 8Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 9Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 10Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 11Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 12Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 9
MCP1603
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, VIN = SHDN =3.6V, COUT =CIN = 4.7 µF, L = 4.7 µH, VOUT(ADJ) = 1.8V, ILOAD = 100 mA,
TA = +25°C. Adjustable or fixed output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-13:
Switching Frequency vs.
Ambient Temperature.
FIGURE 2-14:
Switch Resistance vs. Input
Voltage.
FIGURE 2-15:
Output Voltage Startup
Waveform.
FIGURE 2-16:
Switching Frequency vs.
Input Voltage.
FIGURE 2-17:
Switch Resistance vs.
Ambient Temperature.
FIGURE 2-18:
Heavy Load Switching
Waveform.
1.95
2.00
2.05
2.10
2.15
2.20
-40 -25 -10 5
20 35 50 65 80 95 110 125
Ambient Temperature (
oC)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
N-Channel
P-Channel
1.95
2.00
2.05
2.10
2.15
2.20
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (
oC)
N-Channel
P-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com