Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1603-ADJI/OS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1603-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603-ADJI/OS Datasheet(HTML) 1 Page - Microchip Technology

  MCP1603-ADJI/OS Datasheet HTML 1Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 2Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 3Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 4Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 5Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 6Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 7Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 8Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 1
MCP1603
Features
• Over 90% Typical Efficiency
• Output Current Up To 500 mA
• Low Quiescent Current = 45 µA, typical
• Low Shutdown Current = 0.1 µA, typical
• Adjustable Output Voltage:
- 0.8V to 4.5V
• Fixed Output Voltage:
- 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V
• 2.0 MHz Fixed-Frequency PWM (Heavy Load)
• Automatic PWM to PFM Mode Transition
• 100% Duty Cycle Operation
• Internally Compensated
• Undervoltage Lockout (UVLO)
• Overtemperature Protection
• Space Saving Packages:
- 5-Lead TSOT
- 8-Lead 2X3 DFN
Applications
• Cellular Telephones
• Portable Computers
• Organizers / PDAs
• USB Powered Devices
• Digital Cameras
• Portable Equipment
• +5V or +3.3V Distributed Systems
General Description
The MCP1603 is a high efficient, fully integrated
500 mA synchronous buck regulator whose 2.7V to
5.5V input voltage range makes it ideally suited for
applications powered from 1-cell Li-Ion or 2-cell/3-cell
NiMH/NiCd batteries.
At heavy loads, the MCP1603 operates in the 2.0 MHz
fixed frequency PWM mode which provides a low
noise, low output ripple, small-size solution. When the
load is reduced to light levels, the MCP1603
automatically changes operation to a PFM mode to
minimize quiescent current draw from the battery. No
intervention is necessary for a smooth transition from
one mode to another. These two modes of operation
allow the MCP1603 to achieve the highest efficiency
over the entire operating current range.
The MCP1603 is available with either an adjustable or
fixed output voltage. The available fixed output voltage
options are 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V. When a
fixed option is used, only three additional small external
components are needed to form a complete solution.
Couple this with the low profile, small-foot print
packages and the entire system solution is achieved
with minimal size.
Additional
protection
features
include:
UVLO,
overtemperature, and overcurrent protection.
Package Types
1
2
3
4
5 LX
VFB/VOUT
SHDN
GND
VIN
5-Lead TSOT
MCP1603
1
2
34
5
LX
VFB/VOUT
SHDN
GND
VIN
MCP1603L
1
2
3
4
8
7
6
5
LX
VFB/VOUT
SHDN
GND
VIN
NC
NC
NC
8-Lead 2x3 DFN
2.0 MHz, 500 mA Synchronous Buck Regulator


Similar Part No. - MCP1603-ADJI/OS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1603-ADJI/MC MICROCHIP-MCP1603-ADJI/MC Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
More results

Similar Description - MCP1603-ADJI/OS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Microchip Technology
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
500 mA Synchronous BUCK Regulator
11/29/12
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com