Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827-0802E/EB Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1827-0802E/EB
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/EB Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1827-0802E/EB Datasheet HTML 5Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 6Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 7Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 8Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 9Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 10Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 11Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 12Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22001C-page 9
MCP1827/MCP1827S
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VOUT = 1.8V (Adjustable), VIN = 2.8V, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF
Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C, VIN = VOUT + 0.6V, RPWRGD = 10 kΩ To VIN.
Note: Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to
the desired Junction temperature. The test time is small enough such that the rise in Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage (1.2V Adjustable).
FIGURE 2-2:
Ground Current vs. Load
Current (1.2V Adjustable).
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature (1.2V Adjustable).
FIGURE 2-4:
Line Regulation vs.
Temperature (1.2V Adjustable).
FIGURE 2-5:
Load Regulation vs.
Temperature (Adjstable Version).
FIGURE 2-6:
Adjust Pin Voltage vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
90
100
110
120
130
140
150
23
45
6
Input Voltage (V)
130
°C
-45
°C
25
°C
90
°C
VOUT = 1.2V Adj
IOUT = 0 mA
100
110
120
130
140
150
160
170
180
190
200
0
250
500
750
1000
1250
1500
Load Current (mA)
VIN=3.3V
VOUT = 1.2V Adj
VIN=5.0V
VIN=2.3V
100
105
110
115
120
125
130
135
140
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN=5.0V
VIN=2.5V
VIN=4.0V
IOUT = 0 mA
VOUT = 1.2V Adj
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 1.2V adj
VIN = 2.3V to 6.0V
IOUT = 1 mA
IOUT = 500 mA
IOUT = 1000 mA
IOUT = 100 mA
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
-45
-20
5
305580
105
130
Temperature (°C)
IOUT = 1.0 mA to 1500 mA
VOUT = 5.0V
VOUT = 3.3V
VOUT = 0.8V
VOUT = 1.8V
0.408
0.409
0.409
0.410
0.410
0.411
-45
-20
5
30
55
80
105
130
Temperature (°C)
IOUT = 1.0 mA
VIN = 6.0V
VIN = 2.3V
VIN = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com