Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827-0802E/EB Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1827-0802E/EB
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/EB Datasheet(HTML) 1 Page - Microchip Technology

  MCP1827-0802E/EB Datasheet HTML 1Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 2Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 3Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 4Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 5Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 6Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 7Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 8Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22001C-page 1
MCP1827/MCP1827S
Features
• 1.5A Output Current Capability
• Input Operating Voltage Range: 2.3V to 6.0V
• Adjustable Output Voltage Range: 0.8V to 5.0V
(MCP1827 only)
• Standard Fixed Output Voltages:
- 0.8V, 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
• Other Fixed Output Voltage Options Available
Upon Request
• Low Dropout Voltage: 330 mV Typical at 1.5A
• Typical Output Voltage Tolerance: 0.5%
• Stable with 1.0 µF Ceramic Output Capacitor
• Fast response to Load Transients
• Low Supply Current: 120 µA (typ)
• Low Shutdown Supply Current: 0.1 µA (typ)
(MCP1827 only)
• Fixed Delay on Power Good Output
(MCP1827 only)
• Short Circuit Current Limiting and
Overtemperature Protection
• 5-Lead Plastic DDPAK, 5-Lead TO-220 Package
Options (MCP1827)
• 3-Lead Plastic DDPAK, 3-Lead TO-220 Package
Options (MCP1827S)
Applications
• High-Speed Driver Chipset Power
• Networking Backplane Cards
• Notebook Computers
• Network Interface Cards
• Palmtop Computers
• 2.5V to 1.XV Regulators
Description
The MCP1827/MCP1827S is a 1.5A Low Dropout
(LDO) linear regulator that provides high current and
low output voltages. The MCP1827 comes in a fixed or
adjustable output voltage version, with an output
voltage range of 0.8V to 5.0V. The 1.5A output current
capability, combined with the low output voltage
capability, make the MCP1827 a good choice for new
sub-1.8V output voltage LDO applications that have
high current demands. The MCP1827S is a 3-pin fixed
voltage version. The MCP1827/MCP1827S is based
upon the MCP1727 LDO device.
The MCP1827/MCP1827S is stable using ceramic
output capacitors that inherently provide lower output
noise and reduce the size and cost of the entire
regulator solution. Only 1 µF of output capacitance is
needed to stabilize the LDO.
Using CMOS construction, the quiescent current
consumed by the MCP1827/MCP1827S is typically
less than 120 µA over the entire input voltage range,
making it attractive for portable computing applications
that demand high output current. The MCP1827
versions have a Shutdown (SHDN) pin. When shut
down, the quiescent current is reduced to less than
0.1 µA.
On
the
MCP1827
fixed
output
versions
the
scaled-down output voltage is internally monitored and
a power good (PWRGD) output is provided when the
output is within 92% of regulation (typical). The
PWRGD delay is internally fixed at 200 µs (typical).
The overtemperature and short circuit current-limiting
provide additional protection for the LDO during system
fault conditions.
Package Types
Fixed/Adjustable
3-LD DDPAK
5-LD DDPAK
3-LD TO-220
5-LD TO-220
12 3 4 5
123 4 5
12 3
12
3
MCP1827
MCP1827
MCP1827S
MCP1827S
1.5A, Low Voltage, Low Quiescent Current LDO Regulator


Similar Part No. - MCP1827-0802E/EB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1827-0802EAB MICROCHIP-MCP1827-0802EAB Datasheet
1Mb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1827-0802EAT MICROCHIP-MCP1827-0802EAT Datasheet
1Mb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1827-0802EEB MICROCHIP-MCP1827-0802EEB Datasheet
1Mb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1827-0802EET MICROCHIP-MCP1827-0802EET Datasheet
1Mb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2006
More results

Similar Description - MCP1827-0802E/EB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1827S MICROCHIP-MCP1827S Datasheet
1Mb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com