Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827-0802E/EB Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1827-0802E/EB
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827-0802E/EB Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1827-0802E/EB Datasheet HTML 15Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 16Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 17Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 18Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 19Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 20Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 21Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 22Page - Microchip Technology MCP1827-0802E/EB Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22001C-page 19
MCP1827/MCP1827S
5.0
APPLICATION
CIRCUITS/ISSUES
5.1
Typical Application
The MCP1827/MCP1827S is used for applications that
require high LDO output current and a power good
output.
FIGURE 5-1:
Typical Application Circuit.
5.1.1
APPLICATION CONDITIONS
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The
internal
power
dissipation
within
the
MCP1827/MCP1827S is a function of input voltage,
output voltage, output current and quiescent current.
Equation 5-1 can be used to calculate the internal
power dissipation for the LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there
is
power
dissipation
within
the
MCP1827/MCP1827S as a result of quiescent or
ground current. The power dissipation as a result of the
ground current can be calculated using the following
equation:
EQUATION 5-2:
The
total
power
dissipated
within
the
MCP1827/MCP1827S is the sum of the power dissi-
pated in the LDO pass device and the P(IGND) term.
Because of the CMOS construction, the typical IGND for
the MCP1827/MCP1827S is 120 µA. Operating at a
maximum of 3.465V results in a power dissipation of
0.49 milli-Watts. For most applications, this is small
compared to the LDO pass device power dissipation
and can be neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1827/MCP1827S is
+125°C. To estimate the internal junction temperature
of the MCP1827/MCP1827S, the total internal power
dissipation is multiplied by the thermal resistance from
junction to ambient (R
θJA) of the device. The thermal
resistance from junction to ambient for the TO-220-5
package is estimated at 29.3° C/W.
EQUATION 5-3:
Package Type = TO-220-5
Input Voltage Range = 3.3V ± 5%
VIN maximum = 3.465V
VIN minimum = 3.135V
VDROPOUT (max) = 0.550V
VOUT (typical) = 2.5V
IOUT = 1.5A maximum
PDISS (typical) = 1.2W
Temperature Rise = 35.2°C
10 µF
VOUT = 2.5V @ 1.5A
R1
C2
10 k
Ω
PWRGD
SHDN
GND
2
4.7 µF
On
Off
C1
MCP1827-2.5
1
3 4 5
3.3V
VIN
PLDO
VIN MAX)
()
VOUT MIN
()
–
() I
OUT MAX
)
()
×
=
Where:
PLDO = LDO Pass device internal
power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
PIGND
()
VIN MAX
()
IVIN
×
=
Where:
PI(GND = Power dissipation due to the
quiescent current of the LDO
VIN(MAX) = Maximum input voltage
IVIN = Current flowing in the VIN pin
with no LDO output current
(LDO quiescent current)
TJMAX
()
PTOTAL RθJA
×
TAMAX
+
=
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
θJA = Thermal resistance from junction to
ambient
TAMAX = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com