Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8708 Datasheet HTML 2Page - NXP Semiconductors TDA8708 Datasheet HTML 3Page - NXP Semiconductors TDA8708 Datasheet HTML 4Page - NXP Semiconductors TDA8708 Datasheet HTML 5Page - NXP Semiconductors TDA8708 Datasheet HTML 6Page - NXP Semiconductors TDA8708 Datasheet HTML 7Page - NXP Semiconductors TDA8708 Datasheet HTML 8Page - NXP Semiconductors TDA8708 Datasheet HTML 9Page - NXP Semiconductors TDA8708 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
June 1994
6
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
CHARACTERISTICS
VCCA = V22 to V23 = 4.5 to 5.5 V; VCCD = V6 to V8 = 4.5 to 5.5 V; VCCO = V7 to V8 = 4.2 to 5.5 V; AGND and DGND
shorted together; VCCA to VCCD = −0.5 to +0.5 V; VCCO to VCCD = −0.5 to +0.5 V; VCCA to VCCO = −0.5 to +0.5 V;
Tamb = 0 to +70 °C; typical readings taken at VCCA = VCCD = VCCO = 5 V and Tamb = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.5
5.0
5.5
V
VCCD
digital supply voltage
4.5
5.0
5.5
V
VCCO
TTL output supply voltage
4.2
5.0
5.5
V
ICCA
analog supply current
−
37
45
mA
ICCD
digital supply current
−
24
30
mA
ICCO
TTL output supply current
TTL load (see Fig.8)
−
12
16
mA
Video amplifier inputs
VIN(0 TO 2) INPUTS
VI(p-p)
input voltage (peak-to-peak value)
AGC load with external
capacitor; note 1
0.6
−
1.5
V
|Zi|
input impedance
fi = 6 MHz
10
20
−
k
Ω
CI
input capacitance
fi = 6 MHz
−
1
−
pF
I0 AND I1 TTL INPUTS (SEE TABLE 1)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VI = 0.4 V
−400
−−
µA
IIH
HIGH level input current
VI = 2.7 V
−−
20
µA
GATE A AND GATE B TTL INPUTS (SEE FIGS 4 AND 5)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VI = 0.4 V
−400
−−
µA
IIH
HIGH level input current
VI = 2.7 V
−−
20
µA
tW
pulse width
see Fig.5
2
−−
µs
RPEAK INPUT (PIN 28)
I28(min)
minimum peak level current
R28 = 0 Ω−
80
150
µA
AGC INPUT (PIN 25)
V25(min)
AGC voltage for minimum gain
−
2.8
−
V
V25(max)
AGC voltage for maximum gain
−
4.0
−
V
AGC output current
see Table 2
CLAMP INPUT (PIN 24)
V24
clamp voltage for code 128 output
−
3.5
−
V
I24
clamp output current
see Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com