Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8708 Datasheet HTML 1Page - NXP Semiconductors TDA8708 Datasheet HTML 2Page - NXP Semiconductors TDA8708 Datasheet HTML 3Page - NXP Semiconductors TDA8708 Datasheet HTML 4Page - NXP Semiconductors TDA8708 Datasheet HTML 5Page - NXP Semiconductors TDA8708 Datasheet HTML 6Page - NXP Semiconductors TDA8708 Datasheet HTML 7Page - NXP Semiconductors TDA8708 Datasheet HTML 8Page - NXP Semiconductors TDA8708 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
June 1994
2
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
FEATURES
• 8-bit resolution
• Sampling rate up to 32 MHz
• Binary or two's complement 3-state TTL outputs
• TTL-compatible digital inputs and outputs
• Internal reference voltage regulator
• Power dissipation of 365 mW (typical)
• Input selector circuit (one out of three video inputs)
• Clamp and Automatic Gain Control (AGC) functions for
CVBS and Y signals
• No sample-and-hold circuit required.
• The TDA8708A has white peak control in modes 1 and
2 whereas the TDA8708B has control in mode 1 only.
APPLICATIONS
• Video signal decoding
• Scrambled TV (encoding and decoding)
• Digital picture processing
• Frame grabbing.
GENERAL DESCRIPTION
The TDA8708A is an analog input interface for video signal
processing. It includes a video amplifier with clamp and
gain control, an 8-bit analog-to-digital converter (ADC)
with a sampling rate of 32 MHz and an input selector.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.5
5.0
5.5
V
VCCD
digital supply voltage
4.5
5.0
5.5
V
VCCO
TTL output supply voltage
4.2
5.0
5.5
V
ICCA
analog supply current
−
37
45
mA
ICCD
digital supply current
−
24
30
mA
ICCO
TTL output supply current
−
12
16
mA
ILE
DC integral linearity error
−−±1
LSB
DLE
DC differential linearity error
−−±0.5
LSB
fclk(max)
maximum clock frequency
30
32
−
MHz
B
maximum
−3 dB bandwidth (AGC amplifier)
12
18
−
MHz
Ptot
total power dissipation
−
365
500
mW
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8708A
28
DIP
plastic
SOT117-1
TDA8708AT
28
SO28L
plastic
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com