Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8708 Datasheet HTML 3Page - NXP Semiconductors TDA8708 Datasheet HTML 4Page - NXP Semiconductors TDA8708 Datasheet HTML 5Page - NXP Semiconductors TDA8708 Datasheet HTML 6Page - NXP Semiconductors TDA8708 Datasheet HTML 7Page - NXP Semiconductors TDA8708 Datasheet HTML 8Page - NXP Semiconductors TDA8708 Datasheet HTML 9Page - NXP Semiconductors TDA8708 Datasheet HTML 10Page - NXP Semiconductors TDA8708 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
June 1994
7
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
Video amplifier outputs
ANOUT OUTPUT (PIN 19)
V19(p-p)
AC output voltage
(peak-to-peak value)
VVIN = 1.33 V (p-p);
V25 = 3.6 V
−
1.33
−
V
I19
internal current source
RL = ∞
2.0
2.5
−
mA
IO(p-p)
output current driven by the load
VANOUT = 1.33 V (p-p);
note 2
−−
1.0
mA
V19
DC output voltage for black level
note 3
−
VCCA − 2.24 −
V
Z19
output impedance
−
20
−Ω
Video amplifier dynamic characteristics
αct
crosstalk between VIN inputs
VCCA = 4.75 to 5.25 V
−−50
−45
dB
Gdiff
differential gain
VVIN = 1.33 V (p-p);
V25 = 3.6 V
−
2
−
%
ϕ
diff
differential phase
VVIN = 1.33 V (p-p);
V25 = 3.6 V
−
0.8
−
deg
B
−3 dB bandwidth
12
−−
MHz
S/N
signal-to-noise ratio
note 4
60
−−
dB
SVRR1
supply voltage ripple rejection
note 5
−
45
−
dB
∆G
gain range
see Fig.10
−4.5
−
+6.0
dB
Gstab
gain stability as a function of supply
voltage and temperature
see Fig.10
−−
5%
Analog-to-digital converter inputs
CLK INPUT (PIN 5)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
Vclk = 0.4 V
−400
−−
µA
IIH
HIGH level input current
Vclk = 2.7 V
−−
100
µA
|Zi|
input impedance
fclk= 10 MHz
−
4
−
k
Ω
CI
input capacitance
fclk = 10 MHz
−
4.5
−
pF
OF INPUT (3-STATE; SEE TABLE 4)
VIL
LOW level input voltage
0
−
0.2
V
VIH
HIGH level input voltage
2.6
−
VCCD
V
V9
input voltage in high impedance state
−
1.15
−
V
IIL
LOW level input current
−370
−300
−µA
IIH
HIGH level input current
−
300
450
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com