Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6E Datasheet(PDF) 61 Page - STMicroelectronics

Part # M25PX32-VMP6E
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6E Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M25PX32-VMP6E Datasheet HTML 55Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 56Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 57Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 58Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 59Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 60Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 61Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 62Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
M25PX32
Part numbering
61/63
12
Part numbering
Note:
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
Note:
1
Secure options are available on customer requests. For example, main sectors can be
configured as OTP protected areas and the memory can be protected during power-up.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 21.
Ordering information scheme
Example:
M25PX32 –
V MW 6 E
Device type
M25PX = serial Flash memory, 4-Kbyte and 64-Kbyte
erasable sectors, dual input/output
Device function
32 = 32 Mbit (4 Mb × 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MW = SO8W (208 mils width)
MF = SO16 (300 mils width)
MP = VFQFPN 6 × 5 mm (MLP8)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
E = Standard Packing ECOPACK® (RoHS compliant)
F = Tape & Reel Packing ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com