Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # M25PX32-VMP6E
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M25PX32-VMP6E Datasheet HTML 6Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 7Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 8Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 9Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 10Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 11Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 12Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 13Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Signal descriptions
M25PX32
10/63
2.6
Write Protect/Enhanced Program supply voltage (W/VPP)
W/VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If the W/VPP input is kept in a low voltage range (0 V to VCC) the pin is seen as a control
input. This input signal is used to freeze the size of the area of memory that is protected
against program or erase instructions (as specified by the values in the BP2, BP1 and BP0
bits of the Status Register. See Table 9).
If VPP is in the range of VPPH (as defined in Table 14) it acts as an additional power supply
during the Bulk Erase cycle. In this case VPP must be stable until the Bulk Erase algorithm is
completed.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com