Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PX32-VMP6E Datasheet(PDF) 20 Page - STMicroelectronics

Part # M25PX32-VMP6E
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M25PX32-VMP6E Datasheet HTML 16Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 17Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 18Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 19Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 20Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 21Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 22Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 23Page - STMicroelectronics M25PX32-VMP6E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
Memory organization
M25PX32
20/63
Table 4.
Memory organization
Sector
Subsector
Address range
Sector
Subsector
Address range
63
1023
3FF000h
3FFFFFh
52
847
34F000h
34FFFFh
1008
3F0000h
3F0FFFh
832
340000h
340FFFh
62
1007
3EF000h
3EFFFFh
51
831
33F000h
33FFFFh
992
3E0000h
3E0FFFh
816
330000h
330FFFh
61
991
3DF000h
3DFFFFh
50
815
32F000h
32FFFFh
976
3D0000h
3D0FFFh
800
320000h
320FFFh
60
975
3CF000h
3CFFFFh
49
799
31F000h
31FFFFh
960
3C0000h
3C0FFFh
784
310000h
310FFFh
59
959
3BF000h
3BFFFFh
48
783
30F000h
30FFFFh
944
3B0000h
3B0FFFh
768
300000h
300FFFh
58
943
3AF000g
3AFFFFh
47
767
2FF000h
2FFFFFh
928
3A0000h
3A0FFFh
752
2F0000h
2F0FFFh
57
927
39F000h
39FFFFh
46
751
2EF000h
2EFFFFh
912
390000h
390FFFh
736
2E0000h
2E0FFFh
56
911
38F000h
38FFFFh
45
735
2DF000h
2DFFFFh
896
380000h
380FFFh
720
2D0000h
2D0FFFh
55
895
37F000h
37FFFFh
44
719
2CF000h
2CFFFFh
880
370000h
370FFFh
704
2C0000h
2C0FFFh
54
879
36F000h
36FFFFh
43
703
2BF000h
2BFFFFh
864
360000h
360FFFh
688
2B0000h
2B0FFFh
53
863
35F000h
35FFFFh
42
687
2AF000h
2AFFFFh
848
350000h
350FFFh
672
2A0000h
2A0FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com