Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8708 Datasheet HTML 5Page - NXP Semiconductors TDA8708 Datasheet HTML 6Page - NXP Semiconductors TDA8708 Datasheet HTML 7Page - NXP Semiconductors TDA8708 Datasheet HTML 8Page - NXP Semiconductors TDA8708 Datasheet HTML 9Page - NXP Semiconductors TDA8708 Datasheet HTML 10Page - NXP Semiconductors TDA8708 Datasheet HTML 11Page - NXP Semiconductors TDA8708 Datasheet HTML 12Page - NXP Semiconductors TDA8708 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1996 Nov 26
9
Philips Semiconductors
Product specification
Video analog input interface
TDA8708B
Notes
1. 0 dB is obtained at the AGC amplifier when applying Vi(p-p) = 1.33 V.
2. The output current at pin 19 should not exceed 1 mA. The load impedance RL should be referenced to VCCA and
defined as:
a) AC impedance
≥1kΩ and the DC impedance >2.7 kΩ.
b) The load impedance should be coupled directly to the output of the amplifier so that the DC voltage supplied by
the clamp is not disturbed.
3. Control mode 2 is selected.
4. Signal-to-noise ratio measured with 5 MHz bandwidth:
.
5. The voltage ratio is expressed as:
for VI = 1 V (p-p), gain at 100 kHz = 1 and 1 V supply variation.
6. It is recommended that the rise and fall times of the clock are
≥2 ns. In addition, a ‘good layout’ for the digital and
analog grounds is recommended.
7. These measurements are realized on analog signals after a digital-to-analog conversion (TDA8702 is used).
8. The supply voltage rejection is the relative variation of the analog signal (full-scale signal at input) for 1 V of supply
variation:
9. Full-scale sine wave (fi = 4.4 MHz; fclk = 27 MHz).
S
N
----
20 log
V
ANOUTC p
p
–
()
V
ANOUTY (RMS noise)
------------------------------------------------- atB=5MHz
=
SVRR1
20 log
∆V
CCA
V
CCA
------------------
G
∆G
--------
×
=
SVRR2
∆ V
I00
()
V
IFF
()
–
()
V
I00
()
V
IFF
()
–
()
+
∆V
CCA
-----------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com