Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8708 Datasheet HTML 6Page - NXP Semiconductors TDA8708 Datasheet HTML 7Page - NXP Semiconductors TDA8708 Datasheet HTML 8Page - NXP Semiconductors TDA8708 Datasheet HTML 9Page - NXP Semiconductors TDA8708 Datasheet HTML 10Page - NXP Semiconductors TDA8708 Datasheet HTML 11Page - NXP Semiconductors TDA8708 Datasheet HTML 12Page - NXP Semiconductors TDA8708 Datasheet HTML 13Page - NXP Semiconductors TDA8708 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1996 Nov 26
10
Philips Semiconductors
Product specification
Video analog input interface
TDA8708B
Table 1 Video input selection (CVBS)
Table 2 AGC output current
Notes
1. Mode 2 can only be initialized with successive pulses
on GATE A and GATE B (see Fig.5).
2. X = don’t care.
I1
I0
SELECTED INPUT
0
0
VIN0
0
1
VIN1
1
0
VIN2
1
1
VIN2
GATE A GATE B
DIGITAL
OUTPUT
IAGC
MODE(1)
1
1
output < 255
−2.5 µA1
output > 255
130
µA1
0X(2)
−
0
µA2
1
0
output < 0
+2.5
µA2
output > 0
−2.5 µA2
Table 3 CLAMP output current
Note
1. X = don't care.
Table 4 OF input coding
Note
1. Use C
≥ 10 pF to DGND.
GATE A GATE B
DIGITAL
OUTPUT
ICLAMP
MODE
1
1
output < 0
130
µA1
output > 0
−2.5 µA1
X(1)
0X
0
µA2
0
1
output < 64
+50
µA2
64 < output
−50 µA2
OF
D0 TO D7
0
active, two’s complement
1
high impedance
open circuit(1)
active, binary
Table 5 Output coding and input voltage (typical values)
STEP
VADCIN
BINARY OUTPUTS
TWO’S COMPLEMENT
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Underflow
−
0000000010000000
0VCCA − 2.41 V
0000000010000000
1
−
0000000110000001
.
−
................
.
−
................
254
−
1111111001111110
255
VCCA − 1.41 V
1111111101111111
Overflow
−
1111111101111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com