Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8708 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8708 Datasheet HTML 14Page - NXP Semiconductors TDA8708 Datasheet HTML 15Page - NXP Semiconductors TDA8708 Datasheet HTML 16Page - NXP Semiconductors TDA8708 Datasheet HTML 17Page - NXP Semiconductors TDA8708 Datasheet HTML 18Page - NXP Semiconductors TDA8708 Datasheet HTML 19Page - NXP Semiconductors TDA8708 Datasheet HTML 20Page - NXP Semiconductors TDA8708 Datasheet HTML 21Page - NXP Semiconductors TDA8708 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1996 Nov 26
18
Philips Semiconductors
Product specification
Video analog input interface
TDA8708B
Fig.15 Example of an economical low-pass filter for CVBS and Y signals.
This filter can be adapted to various applications with respect to performance requirements. An input and output impedance of at least 680
Ω and 2.2 kΩ
must in any event be applied.
handbook, full pagewidth
MSA678
15 pF
15 pF
2.2 k
Ω
82
µH
ADOUT
(pin 19)
ADCIN
(pin 20)
VCCA
(pin 22)
680
Ω
Vo
V i
Fig.16 Frequency response for filter shown in
Fig.15.
handbook, halfpage
010
30
0
10
30
40
20
MSA681
20
f (MHz)
α
(dB)
Characteristics of Fig.16:
• Order 5; adapted CHEBYSHEV
• Ripple ρ≤ 0.4 dB
• f = 6.5 MHz at −3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com