Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM3502 Datasheet(PDF) 1 Page - Reed Semiconductor Corp.

Part # RSM3502
Description  High Efficiency, No-Isolated, Fixed 4:1 Ratio, 1000W Digital DC/DC Power Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.

RSM3502 Datasheet(HTML) 1 Page - Reed Semiconductor Corp.

  RSM3502 Datasheet HTML 1Page - Reed Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
RSM3502 A0
DATASHEET
Reed Semiconductor, All Rights Reserved
RSM3502 High Efficiency, No-Isolated, Fixed 4:1 Ratio, 1000W
Digital DC/DC Power Module
Features
 40 to 60V Input Voltage Range
 10 to 15V Output Voltage Range
 Up to 1000W Continuous Output Power
 Up to 3000W Transient Output Power
 Up to 98.0% Efficiency
 Parallel Operation for Multi-kW Arrays
 Configuration and Monitoring via PMBus
 Auto-Recovery Mode for UVP, OTP, OCP
 23mm x 17.4mm x 7.6mm LGA Package
 Reflow Soldering (MSL rating of 3)
Applications
 Artificial Intelligence System
 Data Center
 Computing systems
Description
The RSM3502 is a high-efficiency, non-isolated
power module with a fixed 4:1 transformer turns
ratio.The module operates from a 40V to 60V DC
primary bus and a 10V to 15V output voltage. It can
deliver up to 1000W continuous and 3000W in
transient.
The built-in digital controller can store and restore
module configurations. The fault status, input
voltage, output voltage, output current, and
temperature can be easily monitored via the
PMBus interface.
The
RSM3502
is
available
in
an
LGA
(23mmx17.4mmx7.6mm) package.
Typical Application Circuit
VH
40V ~ 60V
TM/OG
VL
EN
VH
5_GND
10_ALERT
9_SCL
8_SDA
7_ADDR
CVH
R4
GND


Similar Part No. - RSM3502

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RSM3501 REED-RSM3501 Datasheet
110Kb / 1P
High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module
RSM3503 REED-RSM3503 Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDH REED-RSM3503LDH Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDO REED-RSM3503LDO Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LEH REED-RSM3503LEH Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
More results

Similar Description - RSM3502

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
Isolated, Fixed-Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com