Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2144AMFKB Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144AMFKB Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLE2144AMFKB Datasheet HTML 42Page - Texas Instruments TLE2144AMFKB Datasheet HTML 43Page - Texas Instruments TLE2144AMFKB Datasheet HTML 44Page - Texas Instruments TLE2144AMFKB Datasheet HTML 45Page - Texas Instruments TLE2144AMFKB Datasheet HTML 46Page - Texas Instruments TLE2144AMFKB Datasheet HTML 47Page - Texas Instruments TLE2144AMFKB Datasheet HTML 48Page - Texas Instruments TLE2144AMFKB Datasheet HTML 49Page - Texas Instruments TLE2144AMFKB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
− 400
12
8
4
0
0
16
20
24
400
800
TLE2141
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − µV
236 Units Tested From 1 Wafer Lot
VCC ± = ±15 V
TA = 25°C
P Package
− 800
Figure 2
− 400
12
8
4
0
0
16
20
24
400
800
TLE2142
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − µV
236 Units Tested From 1 Wafer Lot
VCC ± = ±15 V
TA = 25°C
P Package
− 800
− 200
200
600
− 600
Figure 3
12
8
4
0
−1.6
0
16
20
24
0.8
1.6
TLE2144
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − mV
VCC ± = ±15 V
TA = 25°C
N Package
250 Units Tested From 1 Wafer Lot
− 0.8
− 2
−1.2
− 0.4
0.4
1.2
2
Figure 4
10
8
4
2
0
18
6
14
12
16
20
INPUT OFFSET CURRENT†
vs
FREE-AIR TEMPERATURE
− 75 − 50 − 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
150
VCC ± = ±15 V
VCC ± = ±2.5 V
VO = 0
VIC = 0
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com