Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2144AMFKB Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144AMFKB Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLE2144AMFKB Datasheet HTML 49Page - Texas Instruments TLE2144AMFKB Datasheet HTML 50Page - Texas Instruments TLE2144AMFKB Datasheet HTML 51Page - Texas Instruments TLE2144AMFKB Datasheet HTML 52Page - Texas Instruments TLE2144AMFKB Datasheet HTML 53Page - Texas Instruments TLE2144AMFKB Datasheet HTML 54Page - Texas Instruments TLE2144AMFKB Datasheet HTML 55Page - Texas Instruments TLE2144AMFKB Datasheet HTML 56Page - Texas Instruments TLE2144AMFKB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
4
2
0
6
8
10
100
1 k
10 k
f − Frequency − Hz
NOISE CURRENT†
vs
FREQUENCY
TA = − 55°C
TA = 25°C
TA = 125°C
1
Figure 28
0.001%
10
1 k
10 k
100 k
TOTAL HARMONIC DISTORTION
PLUS NOISE
vs
FREQUENCY
0.01%
0.1%
1%
100
f − Frequency − Hz
VO(PP) = 20 V
VCC ± = ±15 V
TA = 25°C
AV = 100
RL = 600 Ω
AV = 100
RL = 2 kΩ
AV = 10
RL = 2 kΩ
AV = 10
RL = 600 Ω
Figure 29
− 75 − 50 − 25
0
25
50
75
100
125 150
TA − Free-Air Temperature − °C
30
20
10
40
SLEW RATE†
vs
FREE-AIR TEMPERATURE
0
50
60
SR +
SR −
VCC ± = ±15 V
AVD = − 1
RL = 2 kΩ
CL = 500 pF
Figure 30
0
10
20
30
CL − Load Capacitance − nF
SLEW RATE
vs
LOAD CAPACITANCE
10
1
0.1
0.01
VCC ± = ±15 V
AVD = − 1
TA = 25°C
SR+
SR −
40
50
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com