Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2144AMFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144AMFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLE2144AMFKB Datasheet HTML 1Page - Texas Instruments TLE2144AMFKB Datasheet HTML 2Page - Texas Instruments TLE2144AMFKB Datasheet HTML 3Page - Texas Instruments TLE2144AMFKB Datasheet HTML 4Page - Texas Instruments TLE2144AMFKB Datasheet HTML 5Page - Texas Instruments TLE2144AMFKB Datasheet HTML 6Page - Texas Instruments TLE2144AMFKB Datasheet HTML 7Page - Texas Instruments TLE2144AMFKB Datasheet HTML 8Page - Texas Instruments TLE2144AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Noise
10 Hz . . . 15 nV/
√Hz
1 kHz . . . 10.5 nV/
√Hz
D 10000-pF Load Capability
D 20-mA Min Short-Circuit Output Current
D 27-V/µs Min Slew Rate
D High Gain-Bandwidth Product . . . 5.9 MHz
D Low VIO . . . 500 µV Max at 25°C
D Single or Split Supply ...4 V to 44 V
D Fast Settling Time
340 ns to 0.1%
400 ns to 0.01%
D Saturation Recovery . . . 150 ns
D Large Output Swing
VCC− +0.1 V to VCC+ − 1 V
description
The TLE214x and TLE214xA devices are high-performance, internally compensated operational amplifiers
built using Texas Instruments complementary bipolar Excalibur process. The TLE214xA is a tighter offset
voltage grade of the TLE214x. Both are pin-compatible upgrades to standard industry products.
The design incorporates an input stage that simultaneously achieves low audio-band noise of 10.5 nV/
√Hz with
a 10-Hz 1/f corner and symmetrical 40-V/
µs slew rate typically with loads up to 800 pF. The resulting low
distortion and high power bandwidth are important in high-fidelity audio applications. A fast settling time of
340 ns to 0.1% of a 10-V step with a 2-k
Ω/100-pF load is useful in fast actuator/positioning drivers. Under similar
test conditions, settling time to 0.01% is 400 ns.
The devices are stable with capacitive loads up to 10 nF, although the 6-MHz bandwidth decreases to 1.8 MHz
at this high loading level. As such, the TLE214x and TLE214xA are useful for low-droop sample-and-holds and
direct buffering of long cables, including 4-mA to 20-mA current loops.
The special design also exhibits an improved insensitivity to inherent integrated circuit component mismatches
as is evidenced by a 500-
µV maximum offset voltage and 1.7-µV/°C typical drift. Minimum common-mode
rejection ratio and supply-voltage rejection ratio are 85 dB and 90 dB, respectively.
Device performance is relatively independent of supply voltage over the
±2-V to ±22-V range. Inputs can
operate between VCC− − 0.3 to VCC+ − 1.8 V without inducing phase reversal, although excessive input current
may flow out of each input exceeding the lower common-mode input range. The all-npn output stage provides
a nearly rail-to-rail output swing of VCC− − 0.1 to VCC+ − 1 V under light current-loading conditions. The device
can sustain shorts to either supply since output current is internally limited, but care must be taken to ensure
that maximum package power dissipation is not exceeded.
Both versions can also be used as comparators. Differential inputs of VCC± can be maintained without damage
to the device. Open-loop propagation delay with TTL supply levels is typically 200 ns. This gives a good
indication as to output stage saturation recovery when the device is driven beyond the limits of recommended
output swing.
Both the TLE214x and TLE214xA are available in a wide variety of packages, including both the
industry-standard 8-pin small-outline version and chip form for high-density system applications. The C-suffix
devices are characterized for operation from 0
°C to 70°C, I-suffix devices from −40°C to 105°C, and M-suffix
devices over the full military temperature range of − 55
°C to 125°C.
Copyright
 1997 − 2006, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLE2144AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2144AMFKB TI-TLE2144AMFKB Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144AMFKB TI-TLE2144AMFKB Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144AMFKB TI1-TLE2144AMFKB Datasheet
1Mb / 79P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2144AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-Q1 TI1-TLE2141-Q1 Datasheet
267Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com