Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Data Sheet
ADAU1361
PLAYBACK SIGNAL PATH
analog.com
Rev. E | 35 of 78
POP-AND-CLICK SUPPRESSION
Upon power-up, precharge circuitry is enabled to suppress pops
and clicks. After power-up, the precharge circuitry can be put
into a low power mode using the POPMODE bit in Register R34
(playback pop/click suppression register, Address 0x4028).
The precharge time depends on the capacitor value on the CM pin
and the RC time constant of the load. For a typical line output load,
the precharge time is between 2 ms and 3 ms. After this precharge
time, the POPMODE bit can be set to low power mode.
Changing any register settings that affect the signal path can cause
pops and clicks on the analog outputs. To avoid these pops and
clicks, mute the appropriate outputs using Register R29 to Register
R32 (Address 0x4023 to Address 0x4026). Unmute the analog
outputs after the changes are made.
LINE OUTPUTS
The line output pins (LOUTP, LOUTN, ROUTP, and ROUTN) can
be used to drive both differential and single-ended loads. In their
default settings, these pins can drive typical line loads of 10 kΩ or
greater, but they can also be put into headphone mode by setting
the LOMODE bit in Register R31 (playback line output left volume
control register, Address 0x4025) and the ROMODE bit in Register
R32 (playback line output right volume control register, Address
0x4026). In headphone mode, the line output pins are capable of
driving headphone and earpiece speakers of 16 Ω or greater. The
output impedance of the line outputs is approximately 1 kΩ.
When the line output pins are used in single-ended mode, LOUTP
and ROUTP should be used to output the signals, and LOUTN and
ROUTN should be left unconnected.
The volume controls for these outputs range from −57 dB to +6 dB.
Slew can be applied to all the playback volume controls using the
ASLEW[1:0] bits in Register R34 (playback pop/click suppression
register, Address 0x4028).
The MX5G4[1:0], MX5G3[1:0], MX6G3[1:0], and MX6G4[1:0] bits
can all provide a 6 dB gain boost to the line outputs. This gain boost
allows single-ended output signals to achieve 0 dBV (1.0 V rms)
and differential output signals to achieve up to 6 dBV (2.0 V rms).
For more information, see Register R26 (playback L/R mixer left
(Mixer 5) line output control register, Address 0x4020) and Register
R27 (playback L/R mixer right (Mixer 6) line output control register,
Address 0x4021).
Figure 47. Differential Line Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com