Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Data Sheet
ADAU1361
THEORY OF OPERATION
analog.com
Rev. E | 21 of 78
The ADAU1361 is an audio codec that offers high quality audio, low
power, and small package size. The stereo ADC and stereo DAC
each have an SNR of at least +98 dB and a THD + N of at least
−90 dB. The serial data port is compatible with I2S, left-justified,
right-justified, and TDM modes for interfacing to digital audio data.
The operating voltage range is 1.8 V to 3.65 V, with an on-board
regulator generating the internal digital supply voltage.
The record signal path includes very flexible input configurations
that can accept differential and single-ended analog microphone
inputs as well as a digital microphone input. A microphone bias
pin provides seamless interfacing to electret microphones. Input
configurations can accept up to six single-ended analog signals or
variations of stereo differential or stereo single-ended signals with
two additional auxiliary single-ended inputs. Each input signal has
its own programmable gain amplifier (PGA) for volume adjustment
and can be routed directly to the playback path output mixers,
bypassing the ADCs. An automatic level control (ALC) can also be
implemented to keep the recording volume constant.
The ADCs and DACs are high quality, 24-bit Σ-Δ converters that
operate at selectable 64× or 128× oversampling ratios. The base
sampling rate of the converters is set by the input clock rate and
can be further scaled with the converter control register settings.
The converters can operate at sampling frequencies from 8 kHz
to 96 kHz. The ADCs and DACs also include very fine-step digital
volume controls.
The playback path allows input signals and DAC outputs to be
mixed into various output configurations. Headphone drivers are
available for a stereo headphone output, and the other output pins
are capable of differentially driving an earpiece speaker. Capless
headphone outputs are possible with the use of the mono output
as a virtual ground connection. The stereo line outputs can be used
as either single-ended or differential outputs and as an optional
mix-down mono output.
The ADAU1361 can generate its internal clocks from a wide range
of input clocks by using the on-board fractional PLL. The PLL
accepts inputs from 8 MHz to 27 MHz.
The ADAU1361 is provided in a small, 32-lead, 5 mm × 5 mm
LFCSP with an exposed bottom pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com