Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADAU1361BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
Data Sheet
ADAU1361
SPECIFICATIONS
analog.com
Rev. E | 4 of 78
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PSEUDO-DIFFERENTIAL PGA INPUT
Full-Scale Input Voltage (0 dB)
Scales linearly with AVDD
AVDD/3.3
V rms
AVDD = 1.8 V
0.55 (1.56)
V rms (V p-p)
AVDD = 3.3 V
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Total Harmonic Distortion + Noise
−1 dBFS
AVDD = 1.8 V
−88
dB
AVDD = 3.3 V
−89
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Volume Control Step
PGA gain
0.75
dB
Volume Control Range
PGA gain
−12
+35.25
dB
PGA Boost
20
dB
Mute Attenuation
−87
dB
Interchannel Gain Mismatch
0.005
dB
Offset Error
0
mV
Gain Error
−14
%
Interchannel Isolation
83
dB
Common-Mode Rejection Ratio
100 mV rms, 1 kHz
65
dB
100 mV rms, 20 kHz
65
dB
FULL DIFFERENTIAL PGA INPUT
Differential PGA inputs
Full-Scale Input Voltage (0 dB)
Scales linearly with AVDD
AVDD/3.3
V rms
AVDD = 1.8 V
0.55 (1.56)
V rms (V p-p)
AVDD = 3.3 V
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Total Harmonic Distortion + Noise
−1 dBFS
AVDD = 1.8 V
−70
dB
AVDD = 3.3 V
−78
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
AVDD = 1.8 V
92
dB
AVDD = 3.3 V
98
dB
No Filter (RMS)
AVDD = 1.8 V
90
dB
AVDD = 3.3 V
95
dB
Volume Control Step
PGA gain
0.75
dB
Volume Control Range
PGA gain
−12
+35.25
dB
PGA Boost
20
dB
Mute Attenuation
−87
dB
Interchannel Gain Mismatch
0.005
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com