Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK15C68 Datasheet(PDF) 2 Page - Simtek Corporation

Part # STK15C68
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68 Datasheet(HTML) 2 Page - Simtek Corporation

  STK15C68 Datasheet HTML 1Page - Simtek Corporation STK15C68 Datasheet HTML 2Page - Simtek Corporation STK15C68 Datasheet HTML 3Page - Simtek Corporation STK15C68 Datasheet HTML 4Page - Simtek Corporation STK15C68 Datasheet HTML 5Page - Simtek Corporation STK15C68 Datasheet HTML 6Page - Simtek Corporation STK15C68 Datasheet HTML 7Page - Simtek Corporation STK15C68 Datasheet HTML 8Page - Simtek Corporation STK15C68 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STK15C68
March 2006
2
Document Control # ML0009 rev 0.2
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . .–0.5V to 7.0V
Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V)
Voltage on DQ0-7. . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V)
Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
Note b:
ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c:
ICC2 and ICC4 are the average currents required for the duration of the respective STORE cycles (tSTORE ).
Note d:
E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
AC TEST CONDITIONS
CAPACITANCEe
(TA = 25°C, f = 1.0MHz)
Note e:
These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
b
Average VCC Current
85
75
65
90
75
65
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
ICC2
c
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
ICC3
b
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
10
10
mA
W
≥ (V CC – 0.2V)
All Others Cycling, CMOS Levels
ICC4
c
Average VCC Current during
AutoStore™ Cycle
2
2
mA
All Inputs Don’t Care
ISB1
d
Average VCC Current
(Standby, Cycling TTL Input Levels)
27
23
20
28
24
21
mA
mA
mA
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
ISB2
d
VCC Standby Current
(Standby, Stable CMOS Input Levels)
1.5
1.5
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
μA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT = – 4mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA
TA
Operating Temperature
0
70
–40
85
°C
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input capacitance
8
pF
ΔV = 0 to 3V
COUT
Output Capacitance
7
pF
ΔV = 0 to 3V
Figure 1: AC Output Loading
480 Ohms
30 pF
255 Ohms
5.0V
INCLUDING
OUTPUT
SCOPE AND
FIXTURE
Note a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at condi-
tions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com