Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK15C68 Datasheet(PDF) 4 Page - Simtek Corporation

Part # STK15C68
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68 Datasheet(HTML) 4 Page - Simtek Corporation

  STK15C68 Datasheet HTML 1Page - Simtek Corporation STK15C68 Datasheet HTML 2Page - Simtek Corporation STK15C68 Datasheet HTML 3Page - Simtek Corporation STK15C68 Datasheet HTML 4Page - Simtek Corporation STK15C68 Datasheet HTML 5Page - Simtek Corporation STK15C68 Datasheet HTML 6Page - Simtek Corporation STK15C68 Datasheet HTML 7Page - Simtek Corporation STK15C68 Datasheet HTML 8Page - Simtek Corporation STK15C68 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK15C68
March 2006
4
Document Control # ML0009 rev 0.2
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ VIH during address transitions.
SRAM WRITE CYCLE #1: W Controlledj
SRAM WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK15C68-25
STK15C68-35
STK15C68-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
W
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
1 7
tAVEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
19
tEHAX
15
tDVEH
16
tEHDX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com