Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK15C68 Datasheet(PDF) 3 Page - Simtek Corporation

Part # STK15C68
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68 Datasheet(HTML) 3 Page - Simtek Corporation

  STK15C68 Datasheet HTML 1Page - Simtek Corporation STK15C68 Datasheet HTML 2Page - Simtek Corporation STK15C68 Datasheet HTML 3Page - Simtek Corporation STK15C68 Datasheet HTML 4Page - Simtek Corporation STK15C68 Datasheet HTML 5Page - Simtek Corporation STK15C68 Datasheet HTML 6Page - Simtek Corporation STK15C68 Datasheet HTML 7Page - Simtek Corporation STK15C68 Datasheet HTML 8Page - Simtek Corporation STK15C68 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK15C68
March 2006
3
Document Control # ML0009 rev 0.2
SRAM READ CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note f:
W must be high during SRAM READ cycles and low during SRAM WRITE cycles.
Note g:
I/O state assumes E, G < VIL and W > VIH; device is continuously selected.
Note h:
Measured + 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledf, g
SRAM READ CYCLE #2: E Controlledf
NO.
SYMBOLS
PARAMETER
STK15C68-25
STK15C68-35
STK15C68-45
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAV
f
tRC
Read Cycle Time
25
35
45
ns
3
tAVQV
g
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
10
15
20
ns
5
tAXQX
g
tOH
Output Hold after Address Change
5
5
5
ns
6
tELQX
tLZ
Chip Enable to Output Active
5
5
5
ns
7
tEHQZ
h
tHZ
Chip Disable to Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZ
h
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
d, e
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com