Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8752
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8752 Datasheet HTML 9Page - NXP Semiconductors TDA8752 Datasheet HTML 10Page - NXP Semiconductors TDA8752 Datasheet HTML 11Page - NXP Semiconductors TDA8752 Datasheet HTML 12Page - NXP Semiconductors TDA8752 Datasheet HTML 13Page - NXP Semiconductors TDA8752 Datasheet HTML 14Page - NXP Semiconductors TDA8752 Datasheet HTML 15Page - NXP Semiconductors TDA8752 Datasheet HTML 16Page - NXP Semiconductors TDA8752 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1999 Mar 09
13
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
The COAST pin is used to disconnect the PLL phase
frequency detector during the frame flyback or the
unavailability of the CKREF signal. This signal can
normally be derived from the VSYNC signal.
The clock output is able to drive an external 10 pF load
(for the on-chip ADCs).
The PLL can be used in three different methods:
1. The IC can be used as stand-alone with a sampling
frequency of up to 100 MHz for the TDA8752/8 and up
to 60 MHz for the TDA8752/6.
2. When an RGB signal is at a pixel frequency exceeding
100 to 200 MHz, it is possible to follow one of the two
possibilities given below;
a) Using one TDA8752; the sampling rate can be
reduced by a factor of two, by sampling the even
pixels in the even frame and the odd pixels in the
odd frame. The INV pin is used to toggle between
frames.
b) Using two TDA8752s the PLL of the master
TDA8752 is used to drive both ADC clocks.
The PLL of the slave TDA8752 is disconnected and
the CKBO of the master TDA8752 is connected to
pin CKEXT of both TDA8752.
The master TDA8752 is used to sample the even
pixels and the slave TDA8752 for odd pixels, using
a 180
° phase shift between the clocks (CKADCO
pins). The master chip has its INV pin LOW while
the slave chip has its INV pin HIGH, which
guarantees the 180
° shift ADC clock drive. It is then
necessary to adjust phase B of the master chip.
Special care should be taken with the quality of the
input signal (input setting time).
If CKREFO output signal at the master chip is
needed, it is possible to use one of the two phase A
values in order to avoid set-up and hold problems
in the SYNCHRO function; e.g.
PHASEA = 100000 and PHASEA = 111111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com