Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8752
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8752 Datasheet HTML 22Page - NXP Semiconductors TDA8752 Datasheet HTML 23Page - NXP Semiconductors TDA8752 Datasheet HTML 24Page - NXP Semiconductors TDA8752 Datasheet HTML 25Page - NXP Semiconductors TDA8752 Datasheet HTML 26Page - NXP Semiconductors TDA8752 Datasheet HTML 27Page - NXP Semiconductors TDA8752 Datasheet HTML 28Page - NXP Semiconductors TDA8752 Datasheet HTML 29Page - NXP Semiconductors TDA8752 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
1999 Mar 09
26
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Data timing (see Fig.11); fCLK = 100 MHz; CL = 10 pF; note 2
td(s)
sampling delay time
referenced to CKADCO
−−
−
ns
td(o)
output delay time
−−3.3
−2.6
ns
th(o)
output hold time
4.6
5.5
−
ns
3-state output delay time; (see Fig.12)
tdZH
output enable HIGH
−
12
−
ns
tdZL
output enable LOW
−
10
−
ns
tdHZ
output disable HIGH
−
50
−
ns
tdLZ
output disable LOW
−
65
−
ns
PLL clock output
VOL
LOW-level output voltage
Io =1mA
−
0.3
0.8
V
VOH
HIGH-level output voltage
Io = − 1 mA
2.4
3.5
−
V
IOL
LOW-level output current
VOL = 0.4 V
−
2
−
mA
IOH
HIGH-level output current
VOH = 2.7 V
−−0.4
−
mA
ADC data outputs
VOL
LOW-level output voltage
Io =1mA
−
0
0.8
V
VOH
HIGH-level output voltage
Io = − 1 mA
2.4
VCCD
−
V
IOL
LOW-level output current
VOL = 0.4 V
−
2
−
mA
IOH
HIGH-level output current
VOH = 2.7 V
−−0.5
−
mA
TTL digital inputs (CKREF, COAST, CKEXT, INV, HSYNC and CLP)
VIL
LOW level input voltage
−−
0.8
V
VIH
HIGH level input voltage
2.0
−−
V
IIL
LOW level input current
VIL = 0.4 V
400
−−
µA
IIH
HIGH level input current
VIH = 2.7 V
−−
100
µA
Zi
input impedance
−
4
−
k
Ω
Ci
input capacitance
−
4.5
−
pF
3-wire serial bus
treset
reset time of the chip before
3-wire communication
−
600
−
ns
tsu
data set-up time
−
100
−
ns
th
data hold time
−
100
−
ns
I2C-bus; see note 3
fSCL
clock frequency
0
−
100
kHz
tBUF
time the bus must be free
before new transmission can
start
4.7
−−
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com