Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8752
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8752 Datasheet HTML 14Page - NXP Semiconductors TDA8752 Datasheet HTML 15Page - NXP Semiconductors TDA8752 Datasheet HTML 16Page - NXP Semiconductors TDA8752 Datasheet HTML 17Page - NXP Semiconductors TDA8752 Datasheet HTML 18Page - NXP Semiconductors TDA8752 Datasheet HTML 19Page - NXP Semiconductors TDA8752 Datasheet HTML 20Page - NXP Semiconductors TDA8752 Datasheet HTML 21Page - NXP Semiconductors TDA8752 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1999 Mar 09
18
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
OFFSET REGISTER
This register controls the clamp level for the RGB
channels. The relationship between the programming
code and the level of the clamp code is given in Table 2.
Table 2
Coding
The default programmed value is:
• Programmed code = 127
• Clamp code = 0
• ADC output = 0.
COARSE AND FINE REGISTERS
These two registers enable the gain control, the AGC gain
with the coarse register and the reference voltage with the
fine register. The coarse register programming equation is
as follows:
=
Where: Vref = 2.5 V.
The gain correspondence is given in Table 3. The gain is
linear with reference to the programming code (NFINE = 0).
PROGRAMMED
CODE
CLAMP CODE
ADC OUTPUT
0
−63.5
underflow
1
−63
2
−62.5
↓↓
127
0
0
↓↓↓
254
63.5
63 or 64
255
64
64
GAIN
N
COARSE
1
+
V
ref 1
N
FINE
32
16
×
-------------------
–


----------------------------------------------
1
16
------
×
=
N
COARSE
1
+
V
ref 512
N
FINE
–
()
-------------------------------------------------
32
×
Table 3
Gain correspondence (COARSE)
The default programmed value is as follows:
• N
COARSE =32
• Gain = 0.825
• Vi to be full-scale = 1.212.
To modulate this gain, the fine register is programmed
using the above equation. With a full-scale ADC input, the
fine register resolution is a 1
⁄2LSB peak-to-peak
(see Table 4 for NCOARSE = 32).
Table 4
Gain correspondence (FINE)
The default programmed value is: NFINE =0.
CONTROL REGISTER
COAST and HSYNC signals can be inverted by setting the
I2C-bus control bits V level and H level respectively. When
V level and H level are set to zero respectively, COAST
and HSYNC are active HIGH.
The bit ‘edge’ defines the rising or falling edge of CKREF
to synchronise the PLL. It will be on the rising edge if the
bit is at logic 0 and on the falling edge if the bit is at logic 1.
The bits Up and Do are used for the test, to force the
charge pump current. These bits have to be logic 0 during
normal use.
The bits Ip0, Ip1 and Ip2 control the charge pump current,
to increase the bandwidth of the PLL, as shown in Table 5.
NCOARSE
GAIN
Vi TO BE
FULL-SCALE
32
0.825
1.212
99
2.5
0.4
NFINE
GAIN
Vi TO BE
FULL-SCALE
0
0.825
1.212
31
0.878
1.139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com