Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8762M/4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8762M/4
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762M/4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8762M/4 Datasheet HTML 7Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 8Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 9Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 10Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 11Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 12Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 13Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 14Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1996 Mar 28
11
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762
Table 1
Output coding and input voltage (typical values; referenced to AGND, VRB = 1.3 V, VRT = 3.8 V)
Table 2
Mode selection
STEP VI(p-p)
IR
BINARY OUTPUT BITS
TWO’S COMPLEMENT OUTPUT BITS
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
U/F
<1.52
0
00000000001000000000
0
1.52
1
00000000001000000000
1
.
1
00000000011000000001
.
.
.
....................
.
.
.
....................
1022
.
1
11111111100111111110
1023
3.58
1
11111111110111111111
O/F
>3.58
0
11111111110111111111
TC
OE
D9 TO D0
IR
X
1
high impedance
high impedance
0
0
active; two’s complement
active
1
0
active; binary
active
Fig.4 Timing diagram.
handbook, full pagewidth
ds
t
sample N + 1
sample N
CLK
MGC037
sample N + 2
1.4 V
V
l
DATA
D0 to D9
t d
t h
CPH
t
CPL
t
2.4 V
0.4 V
1.4 V
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com