Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8762M/4 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8762M/4
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762M/4 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8762M/4 Datasheet HTML 13Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 14Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 15Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 16Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 17Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 18Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 19Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 20Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1996 Mar 28
17
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762
APPLICATION INFORMATION
Additional application information will be supplied upon request (please quote number
“AN96025”).
Fig.15 Application diagram.
The analog and digital supplies should be separated and decoupled.
The external voltage reference generator must be built such that a good supply voltage ripple rejection is achieved with respect to the LSB value.
Eventually, the reference ladder voltages can be derived from a well regulated VCCA supply through a resistor bridge and a decoupled capacitor.
(1) VRB, VRM and VRT are decoupled to AGND.
(2) Pin 15 should be connected to DGND in order to prevent noise influence.
(3) When VRM is not used, pin 7 can be left open, avoiding the decoupling capacitor. In any case, this pin must not be grounded.
(4) When analog input signal is AC coupled, an input bias or a clamping level must be applied to VI input (pin 8).
handbook, halfpage
28
27
26
25
24
23
22
21
20
19
18
17
TDA8762
OGND2
VCCO1
D3
D4
D5
D6
D7
D8
D9
D2
D1
D0
VCCD
VCCA
1
2
3
4
5
6
7
8
9
10
11
12
CLK
AGND1
AGND2
n.c.
VRB
VRM
VRT
MGC043
16
15
13
14
100 nF
100 nF
DGND
OGND1
IR
OE
TC
VCCO2
AGND
AGND
100 nF
AGND
V I
(1)
(3)(1)
(1)
(4)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com