Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8762M/4 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8762M/4
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762M/4 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8762M/4 Datasheet HTML 10Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 11Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 12Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 13Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 14Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 15Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 16Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 17Page - NXP Semiconductors TDA8762M/4 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1996 Mar 28
14
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762
Fig.8 Fast Fourier Transform (fclk = 40 MHz; fi = 10 MHz).
Effective bits: 9.11; THD =
−63.18 dB;
Harmonic levels (dB): 2nd =
−66.49; 3rd = −66.52; 4th = −85.15; 5th = −75.95; 6th = −83.47.
handbook, full pagewidth
20
0
120
0
5
7.5
10
15
17.5
2.5
12.5
MLC948
40
80
100
60
20
A
(dB)
f (MHz)
Fig.9 Fast Fourier Transform (fclk = 40 MHz; fi = 15 MHz).
Effective bits: 8.70; THD =
−60.18 dB;
Harmonic levels (dB): 2nd =
−62.24; 3rd = −70.44; 4th = −77.29; 5th = −65.99; 6th = −89.67.
handbook, full pagewidth
20
0
120
0
5
7.5
10
15
17.5
2.5
12.5
MLC949
40
80
100
60
20
A
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com