Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763M Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8763M
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763M Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8763M Datasheet HTML 9Page - NXP Semiconductors TDA8763M Datasheet HTML 10Page - NXP Semiconductors TDA8763M Datasheet HTML 11Page - NXP Semiconductors TDA8763M Datasheet HTML 12Page - NXP Semiconductors TDA8763M Datasheet HTML 13Page - NXP Semiconductors TDA8763M Datasheet HTML 14Page - NXP Semiconductors TDA8763M Datasheet HTML 15Page - NXP Semiconductors TDA8763M Datasheet HTML 16Page - NXP Semiconductors TDA8763M Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1999 Jan 06
13
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
Fig.5 Timing diagram and test conditions of 3-state output delay time.
fOE = 100 kHz.
handbook, full pagewidth
MBE555 - 1
50%
50%
HIGH
LOW
dZH
t
dHZ
t
50%
HIGH
LOW
dZL
t
dLZ
t
10%
90%
output
data
VCCD
output
data
3.3 k
Ω
15 pF
S1
VCCD
TDA8763
OE
OE
TEST
dLZ
t
dZL
t
dHZ
t
dZH
S1
CCD
V
CCD
V
DGND
DGND
t
Fig.6 Analog input settling-time diagram.
MBE566
50%
STLH
t
2 ns
code 0
code 1023
I
50%
0.5 ns
50%
2 ns
STHL
t
50%
0.5 ns
CLK
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com