Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8763M
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763M Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8763M Datasheet HTML 1Page - NXP Semiconductors TDA8763M Datasheet HTML 2Page - NXP Semiconductors TDA8763M Datasheet HTML 3Page - NXP Semiconductors TDA8763M Datasheet HTML 4Page - NXP Semiconductors TDA8763M Datasheet HTML 5Page - NXP Semiconductors TDA8763M Datasheet HTML 6Page - NXP Semiconductors TDA8763M Datasheet HTML 7Page - NXP Semiconductors TDA8763M Datasheet HTML 8Page - NXP Semiconductors TDA8763M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1999 Jan 06
3
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
−
30
35
mA
ICCD
digital supply current
−
16
21
mA
ICCO
output stages supply current
fclk = 40 MHz; ramp input
−
12mA
INL
integral non-linearity
fclk = 40 MHz; ramp input
−±0.8
±2.0
LSB
DNL
differential non-linearity
fclk = 40 MHz; ramp input
−±0.5
±0.9
LSB
fclk(max)
maximum clock frequency
TDA8763M/3
30
−−
MHz
TDA8763M/4
40
−−
MHz
TDA8763M/5
50
−−
MHz
Ptot
total power dissipation
fclk = 40 MHz; ramp input
−
235
305
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com