Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8763M
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763M Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8763M Datasheet HTML 1Page - NXP Semiconductors TDA8763M Datasheet HTML 2Page - NXP Semiconductors TDA8763M Datasheet HTML 3Page - NXP Semiconductors TDA8763M Datasheet HTML 4Page - NXP Semiconductors TDA8763M Datasheet HTML 5Page - NXP Semiconductors TDA8763M Datasheet HTML 6Page - NXP Semiconductors TDA8763M Datasheet HTML 7Page - NXP Semiconductors TDA8763M Datasheet HTML 8Page - NXP Semiconductors TDA8763M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1999 Jan 06
2
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
FEATURES
• 10-bit resolution
• Sampling rate up to 50 MHz
• DC sampling allowed
• One clock cycle conversion only
• High signal-to-noise ratio over a large analog input
frequency range (9.3 effective bits at 4.43 MHz
full-scale input at fclk = 40 MHz)
• No missing codes guaranteed
• In-Range (IR) CMOS output
• Levels TTL and CMOS compatible digital inputs
• 3 to 5 V CMOS digital outputs
• Low-level AC clock input signal allowed
• Internal reference voltage regulator
• Power dissipation only 235 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
High-speed analog-to-digital conversion for:
• Video data digitizing
• Radar pulse analysis
• Transient signal analysis
• High energy physics research
•Σ∆ modulators
• Medical imaging.
GENERAL DESCRIPTION
The TDA8763 is a 10-bit high-speed low-power
Analog-to-Digital Converter (ADC) for professional video
and other applications. It converts the analog input signal
into 10-bit binary-coded digital words at a maximum
sampling rate of 50 MHz. All digital inputs and outputs are
TTL and CMOS compatible, although a low-level sine
wave clock input signal is allowed.
The device includes an internal voltage reference
regulator. If the application requires that the reference is
driven via external sources the recommendation is to use
the TDA8763A.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY (MHz)
NAME
DESCRIPTION
VERSION
TDA8763M/3
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1
30
TDA8763M/4
SSOP28
SOT341-1
40
TDA8763M/5
SSOP28
SOT341-1
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com